Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3685C Datasheet(PDF) 12 Page - ams AG

Part # AS3685C
Description  Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash with Two Wire Serial Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3685C Datasheet(HTML) 12 Page - ams AG

Back Button AS3685C Datasheet HTML 8Page - ams AG AS3685C Datasheet HTML 9Page - ams AG AS3685C Datasheet HTML 10Page - ams AG AS3685C Datasheet HTML 11Page - ams AG AS3685C Datasheet HTML 12Page - ams AG AS3685C Datasheet HTML 13Page - ams AG AS3685C Datasheet HTML 14Page - ams AG AS3685C Datasheet HTML 15Page - ams AG AS3685C Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
AS3685C
Datasheet
www.austriamicrosystems.com/AS3685
(ptr)
1.1
11 - 21
The control waveform is shown in the next figure:
Figure
14 – Timing Diagram of the AS3685 using active Low strobe function
If the strobe function is not used at all, the interface can be addressed like a normal slave (only writing access).
The strobe function does not violate the two wire interface specification.
Data1 setups the flash current from 0mA to 1000mA, Data2 can be used to set the preview current and Data3
will set the operating mode, can lock 1:2 charge pump mode and set or disable the flash mode timeout time.
Table 7 – Current and Mode Setting for the AS3685
Register
Purpose
Comments
Data1<7:0>
Current Setting Flash
Flash Mode current setting, Flash Timeout timer used if the
mode setting uses this current
0mA to 1000mA (for RISET=10kΩ)
0mA to 700mA
(for RISET=14.2kΩ)
Data2<6:0>
Current Setting Torch (Preview)
Torch (=Preview or Assist) Mode current setting, no timeout
timer used for this current setting
0mA to 500mA
(for RISET=10kΩ)
0mA to 350mA
(for RISET=14.2kΩ)
Data2<7>
not used – leave at 0
not used
Data3<2:0>
Mode setting
000 … Off (Power down; Charge Pump in 1:1 mode)
001 … Indicator Mode
Data2<7> = 0: ILED = 0.5mA
Data2<7> = 1: ILED = 1.0mA
010 … Torch (=Preview) Mode (Data2 sets current)
011 … Flash Mode (Data1 sets current)
100 … Preview / Flash Mode, STROBE active high
STROBE=H: Flash mode (Data1 sets current)
STROBE=L: Preview mode (Data2 sets current)
101 … Preview / Flash Mode, STROBE active low
STROBE=L: Flash mode (Data1 sets current)
STROBE=H: Preview mode (Data2 sets current)
110 … Force Charge Pump into 1:1.5 mode; no current is
flowing through the current sink (AS3685 can be
used as voltage generator for e.g. backlight LEDs
with additional external current source(s))
111 … Force Charge Pump into 1:2 mode; no current is
flowing through the current sink (AS3685 can be
used as voltage generator for e.g. backlight LEDs
with additional external current source(s))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com