Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3685C Datasheet(PDF) 21 Page - ams AG

Part # AS3685C
Description  Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash with Two Wire Serial Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3685C Datasheet(HTML) 21 Page - ams AG

Back Button AS3685C Datasheet HTML 14Page - ams AG AS3685C Datasheet HTML 15Page - ams AG AS3685C Datasheet HTML 16Page - ams AG AS3685C Datasheet HTML 17Page - ams AG AS3685C Datasheet HTML 18Page - ams AG AS3685C Datasheet HTML 19Page - ams AG AS3685C Datasheet HTML 20Page - ams AG AS3685C Datasheet HTML 21Page - ams AG AS3685C Datasheet HTML 22Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
AS3685C
Datasheet
www.austriamicrosystems.com/AS3685
(ptr)
1.1
20 - 21
10 Ordering Information
Table
13 – Delivery Information
Part Number
Marking
Package Type
Delivery Form
Description
AS3685C-ZWLT
AS3685C
WL-CSP
2x1.5mm
Tape&Reel
AS3685C Interface
Wafer Level Chip Scale Package,
Size 2x1.5mm, 4x3 balls, 0.5mm pitch,
RoHS compliant / Pb-free
AS3685C-ZDFT
1
AS8C
DFN 10 3x3mm
Tape&Reel
AS3685C Interface
DFN Package, 3x3mm, 10 pins, 0.4mm
pitch, RoHS compliant / Pb-free
Description:
AS3685C-ZPPT
AS3685
C
AS3685C Interface Version
Two wire interface signal with STROBE
-
Z
Temperature range:
Z = -30°C – 85°C
PP
Package:
WL = Wafer Level Chip Scale Package
DF = DFN10
T
Delivery Form:
T = Tape&Reel
1 Contact austriamicrosystems for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com