Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3685C Datasheet(PDF) 14 Page - ams AG

Part # AS3685C
Description  Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash with Two Wire Serial Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3685C Datasheet(HTML) 14 Page - ams AG

Back Button AS3685C Datasheet HTML 10Page - ams AG AS3685C Datasheet HTML 11Page - ams AG AS3685C Datasheet HTML 12Page - ams AG AS3685C Datasheet HTML 13Page - ams AG AS3685C Datasheet HTML 14Page - ams AG AS3685C Datasheet HTML 15Page - ams AG AS3685C Datasheet HTML 16Page - ams AG AS3685C Datasheet HTML 17Page - ams AG AS3685C Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
AS3685C
Datasheet
www.austriamicrosystems.com/AS3685
(ptr)
1.1
13 - 21
7.3 Protection Functions
7.3.1 Overtemperature Protection
If the AS3685 junction temperature exceeds TOVTEMP, the current sink will be disabled and the charge pump
forced into 1:1 mode. If the junction temperature drops below TOVTEMP – TOVTEMPHYST, the device enables the
current sink again and the charge pump resumes normal operation.
7.3.1.1 LED Shortcircuit protection
If the LED is shorted (VCP to ILED), then depending on the set current and the resulting high power dissipation
inside the AS3685, the overtemperature protection will trigger. This protects the AS3685 and the system against
damage. If the AS3685 is in off-mode, then shorting of the diode will have no influence on the system.
Note: Do not short VCP to VSS if the supply is not current limited (e.g. by an internal protection inside the
battery), as there is an internal diode between VBAT (anode) and VCP (cathode).
7.3.2 Flash Timeout
The flash duration of a single flash is limited automatically to tFLASHTIMEOUT (applies only for ‘Flash’ mode(s)).
This protects the flash LED against thermal damage.
7.4 Layout Recommendations
To improve the heat dissipation, use a massive ground plane.
Figure 16 – AS3685 DFN10 3x3mm Layout Recommendation
Figure 17 – AS3685 WL-CSP 2x1.5mm Layout Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com