Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3685C Datasheet(PDF) 6 Page - ams AG

Part # AS3685C
Description  Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash with Two Wire Serial Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3685C Datasheet(HTML) 6 Page - ams AG

Back Button AS3685C Datasheet HTML 2Page - ams AG AS3685C Datasheet HTML 3Page - ams AG AS3685C Datasheet HTML 4Page - ams AG AS3685C Datasheet HTML 5Page - ams AG AS3685C Datasheet HTML 6Page - ams AG AS3685C Datasheet HTML 7Page - ams AG AS3685C Datasheet HTML 8Page - ams AG AS3685C Datasheet HTML 9Page - ams AG AS3685C Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
AS3685C
Datasheet
www.austriamicrosystems.com/AS3685
(ptr)
1.1
5 - 21
Table
4 – Current Source (Sink) Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
150
200
250
mV
All lower currents
Table
5 –Digital Interface characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
VIH
High Level Input voltage
1.5
VBAT
V
VIL
Low Level Input voltage
0.0
0.5
V
ILEAKAGE
Input pin leakage current
-10
10
μA
For Pins SCL and SDA
Table
6 – Protection Functions
Symbol
Parameter
Min
Typ
Max
Unit
Note
TOVTEMP
Overtemperature protection
140
°C
TOVTEMPHYST
Overtemperature protection
Hysteresis
5
°C
If the junction temperature
exceeds TOVTEMP, the current
sink will be disabled and the
charge pump switched back
into 1:1 mode until the
temperature drops below
TOVTEMP - TOVTEMPHYST
tFLASHTIMEOUT
Flash Timeout Time
-20%
100…
1500
+20%
ms
adjustable by register Flash
Timeout Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com