Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043 Datasheet(PDF) 8 Page - ams AG

Part # AS5043
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 8 Page - ams AG

Back Button AS5043 Datasheet HTML 4Page - ams AG AS5043 Datasheet HTML 5Page - ams AG AS5043 Datasheet HTML 6Page - ams AG AS5043 Datasheet HTML 7Page - ams AG AS5043 Datasheet HTML 8Page - ams AG AS5043 Datasheet HTML 9Page - ams AG AS5043 Datasheet HTML 10Page - ams AG AS5043 Datasheet HTML 11Page - ams AG AS5043 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
AS5043
Data Sheet – 10-bit Absolute Synchronous Serial Interface (SSI)
www.austriamicrosystems.com
Revision 1.80
7 – 36
8.2
Z-Axis Range Indication (Push Button Feature, Red/Yellow/Green Indicator)
The AS5043 provides several options of detecting movement and distance of the magnet in the vertical (Z-) direction.
Signal indicators MagINC, MagDEC and LIN are available as status bits in the serial data stream, while MagRngn is an
open-drain output that indicates an out-of range status (on in YELLOW or RED range). Additionally, the analog output
provides a safety feature in the form that it will be turned off when the magnetic field is too strong or too weak (RED
range). The serial data is always available, the red/yellow/green status is indicated by the status bits as shown below:
Table 3: Magnetic Field Strength Indicators
SSI Status Bits
Hardware Pins
Mag
INC
Mag
DEC
LIN
Mag
Rngn
Analog
Output
Description
0
0
0
Off
enabled
No distance change
Magnetic Input Field OK (GREEN range, ~45…75mT)
0
1
0
Off
enabled
Distance increase, GREEN range; Pull-function. This state is dynamic and only
active while the magnet is moving away from the chip.
1
0
0
Off
enabled
Distance decrease, GREEN range; Push- function. This state is dynamic and only
active while the magnet is moving towards the chip.
1
1
0
On
enabled
YELLOW Range: Magnetic field is ~ 25…45mT or ~75…135mT. The AS5043 may
still be operated in this range, but with slightly reduced accuracy.
1
1
1
On
disabled
RED Range: Magnetic field is ~<25mT or >~135mT. The analog output will be
turned off in this range by default. It can be enabled permanently by OTP
programming (see 11.1.2).
It is still possible to use the absolute serial interface in the red range, but not
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com