Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043 Datasheet(PDF) 4 Page - ams AG

Part # AS5043
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 4 Page - ams AG

  AS5043 Datasheet HTML 1Page - ams AG AS5043 Datasheet HTML 2Page - ams AG AS5043 Datasheet HTML 3Page - ams AG AS5043 Datasheet HTML 4Page - ams AG AS5043 Datasheet HTML 5Page - ams AG AS5043 Datasheet HTML 6Page - ams AG AS5043 Datasheet HTML 7Page - ams AG AS5043 Datasheet HTML 8Page - ams AG AS5043 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
AS5043
Data Sheet - Pin Configuration
www.austriamicrosystems.com
Revision 1.80
3 – 36
5.1
Pin Description
Pins 7, 15
and 16 are supply pins, pins 5, 13 and 14 are for internal use and must be left open.
Pin 1
is the magnetic field strength indicator, MagRNGn. It is an open-drain output that is pulled to VSS when the
magnetic field is out of the recommended range (45mT to 75mT). The chip will still continue to operate, but with reduced
performance, when the magnetic field is out of range. When this pin is low, the analog output at pins #10 and #12 will be
0V to indicate the out-of-range condition.
Pin 2 MODE
allows switching between filtered (slow) and unfiltered (fast mode). This pin must be tied to VSS or VDD5V,
and must not be switched after power up. See section 0.
Pin 3
Chip Select (CSn; active low) selects a device for serial data transmission over the SSI interface. A “logic high” at
CSn forces output DO to digital tri-state.
Pin 4 CLK
is the clock input for serial data transmission over the SSI interface (see section 1)
Pin 6 DO
(Data Out) is the serial data output during data transmission over the SSI interface (see section 1)
Pin 8 PROG_DI
is used to program the different operation modes, as well as the zero-position in the OTP register.
This pin is also used as a digital input to shift serial data through the device in Daisy Chain Configuration, (see page 9).
Pin 9 DACref
is the external voltage reference input for the Digital-to-Analog Converter (DAC). If selected, the analog
output voltage on pin 12 (Vout) will be ratiometric to the voltage on this pin.
Pin10 DACout
is the unbuffered output of the DAC. This pin may be used to connect an external OPAMP, etc. to the
DAC.
Pin 11 FB
(Feedback) is the inverting input of the OPAMP buffer stage.
Access to this pin allows various OPAMP configurations.
Pin 12 Vout
is the analog output pin. The analog output is a DC voltage, ratiometric to VDD5V (3.0 – 5.5V) or an external
voltage source and proportional to the angle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com