Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043 Datasheet(PDF) 19 Page - ams AG

Part # AS5043
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 19 Page - ams AG

Back Button AS5043 Datasheet HTML 15Page - ams AG AS5043 Datasheet HTML 16Page - ams AG AS5043 Datasheet HTML 17Page - ams AG AS5043 Datasheet HTML 18Page - ams AG AS5043 Datasheet HTML 19Page - ams AG AS5043 Datasheet HTML 20Page - ams AG AS5043 Datasheet HTML 21Page - ams AG AS5043 Datasheet HTML 22Page - ams AG AS5043 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
AS5043
Data Sheet – Analog Readback Mode
www.austriamicrosystems.com
Revision 1.80
18 – 36
13 Analog Readback Mode
Non-volatile programming (OTP) uses on-chip zener diodes, which become permanently low resistive when subjected to
a specified reverse current.
The quality of the programming process depends on the amount of current that is applied during the programming
process (up to 130mA). This current must be provided by an external voltage source. If this voltage source cannot
provide adequate power, the zener diodes may not be programmed properly.
In order to verify the quality of the programmed bits, an analog level can be read for each zener diode, giving an
indication whether this particular bit was properly programmed or not.
To put the AS5043 in Analog Readback Mode, a digital sequence must be applied to pins CSn, PROG and CLK as
shown in Figure 15. The digital level for this pin depends on the supply configuration (3.3V or 5V; see section 1, page 5).
The second rising edge on CSn (OutpEN) changes pin PROG to a digital output and the log. high signal at pin PROG
must be removed to avoid collision of outputs (grey area in Figure 15).
The following falling slope of CSn changes pin PROG to an analog output, providing a reference voltage Vref, that must be
saved as a reference for the calculation of the subsequent programmed and unprogrammed OTP bits.
Following this step, each rising slope of CLK outputs one bit of data in the reverse order as during programming.
(see Figure 15: Output Range OR0 and -1 , ClampMdEn, RefExtEn, FB_IntEn, Z0…Z9, ccw)
During analog readback, the capacitor at pin PROG (see Figure 12) should be removed to allow a fast readout rate.
The measured analog voltage for each bit must be subtracted from the previously measured Vref, and the resulting value
gives an indication on the quality of the programmed bit: a reading of <100mV indicates a properly programmed bit and a
reading of >1V indicates a properly unprogrammed bit.
A reading between 100mV and 1V indicates a faulty bit, which may result in an undefined digital value, when the OTP is
read at power-up.
Following the 16
th clock (after reading bit “ccw”), the chip must be reset by disconnecting the power supply.
Figure 15: Analog OTP Register Read
In te rn al
te st bit
dig it al
V unprogrammed
Vprogrammed
CS n
CL K
1
16
PROG
Pro gEN
OR 1
OR 0
A n a log R e a d b a ck D ata a t P R O G
Ou tpE N
tLoadProg
CLK Aread
Prog ch an ges t o O utput
V ref
Powe r-o n -
R e s e t;
c ycle supply
Ref Ext
EN
Clamp
Md EN
Z6
Z5
Z 8
Z7
ccw
Z9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com