Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043 Datasheet(PDF) 20 Page - ams AG

Part # AS5043
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 20 Page - ams AG

Back Button AS5043 Datasheet HTML 16Page - ams AG AS5043 Datasheet HTML 17Page - ams AG AS5043 Datasheet HTML 18Page - ams AG AS5043 Datasheet HTML 19Page - ams AG AS5043 Datasheet HTML 20Page - ams AG AS5043 Datasheet HTML 21Page - ams AG AS5043 Datasheet HTML 22Page - ams AG AS5043 Datasheet HTML 23Page - ams AG AS5043 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
AS5043
Data Sheet – Alignment Mode
www.austriamicrosystems.com
Revision 1.80
19 – 36
14 Alignment Mode
The alignment mode simplifies centering the magnet over the chip to gain maximum accuracy and XY-alignment
tolerance.
This electrical centering method allows a wider XY-alignment tolerance (0.485mm radius) than mechanical centering
(0.25mm radius) as it eliminates the placement tolerance of the die within the IC package (+/- 0.235mm).
Alignment mode can be enabled with the falling edge of CSn while PROG = logic high (Figure 15). The Data bits D9-D0
of the SSI change to a 10-bit displacement amplitude output. A high value indicates large X or Y displacement, but also
higher absolute magnetic field strength. The magnet is properly aligned, when the difference between highest and lowest
value over one full turn is at a minimum.
Under normal conditions, a properly aligned magnet will result in a reading of less than 32 over a full turn.
Stronger magnets or short gaps between magnet and IC may show values larger than 32. These magnets are still
properly aligned as long as the difference between highest and lowest value over one full turn is at a minimum.
The MagInc and MagDec indicators will be = 1 when the alignment mode reading is < 32. At the same time, hardware pin
MagRngn (#1) will be pulled to VSS.
The Alignment mode can be reset to normal operation mode by a power-on-reset (cycle power supply) or by a falling
edge of CSn with PROG=low (see Figure 16).
Figure 16: Enabling the Alignment Mode
Figure 17: Exiting Alignment Mode
AlignMode enable
PROG
CSn
Read-out
via SSI
2µs
min.
2µs
min.
exit AlignMode
PROG
CSn
Read-out
via SSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com