Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043 Datasheet(PDF) 23 Page - ams AG

Part # AS5043
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 23 Page - ams AG

Back Button AS5043 Datasheet HTML 19Page - ams AG AS5043 Datasheet HTML 20Page - ams AG AS5043 Datasheet HTML 21Page - ams AG AS5043 Datasheet HTML 22Page - ams AG AS5043 Datasheet HTML 23Page - ams AG AS5043 Datasheet HTML 24Page - ams AG AS5043 Datasheet HTML 25Page - ams AG AS5043 Datasheet HTML 26Page - ams AG AS5043 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
AS5043
Data Sheet – Simulation Modelling
www.austriamicrosystems.com
Revision 1.80
22 – 36
16 Simulation Modelling
Figure 21: Arrangement of Hall Sensor Array on Chip (principle)
With reference to Figure 21, a diametrically magnetized permanent magnet is placed above or below the surface of the
AS5043. The chip uses an array of Hall sensors to sample the vertical vector of a magnetic field distributed across the
device package surface. The area of magnetic sensitivity is a circular locus of 1.1mm radius with respect to the center of
the die. The Hall sensors in the area of magnetic sensitivity are grouped and configured such that orthogonally related
components of the magnetic fields are sampled differentially.
The differential signal Y1-Y2 will give a sine vector of the magnetic field. The differential signal X1-X2 will give an
orthogonally related cosine vector of the magnetic field.
The angular displacement (
Θ) of the magnetic source with reference to the Hall sensor array may then be modelled by:
()
()
°
±
−
−
=
Θ
5
.
0
2
1
2
1
arctan
X
X
Y
Y
The
±0.5° angular error assumes a magnet optimally aligned over the center of the die and is a result of gain mismatch
errors of the AS5043. Placement tolerances of the die within the package are
±0.235mm in X and Y direction, using a
reference point of the edge of pin #1 (Figure 21).
In order to neglect the influence of external disturbing magnetic fields, a robust differential sampling and ratiometric
calculation algorithm has been implemented. The differential sampling of the sine and cosine vectors removes any
common mode error due to DC components introduced by the magnetic source itself or external disturbing magnetic
fields. A ratiometric division of the sine and cosine vectors removes the need for an accurate absolute magnitude of the
magnetic field and thus accurate Z-axis alignment of the magnetic source.
The recommended differential input range of the magnetic field strength (B(X1-X2),B(Y1-Y2)) is ±75mT at the surface of the
die. In addition to this range, an additional offset of
±5mT, caused by unwanted external stray fields is allowed.
The chip will continue to operate, but with degraded output linearity, if the signal field strength is outside the
recommended range. Too strong magnetic fields will introduce errors due to saturation effects in the internal
preamplifiers. Too weak magnetic fields will introduce errors due to noise becoming more dominant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com