Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5048 Datasheet(PDF) 8 Page - ams AG

Part # AS5048
Description  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5048 Datasheet(HTML) 8 Page - ams AG

Back Button AS5048 Datasheet HTML 4Page - ams AG AS5048 Datasheet HTML 5Page - ams AG AS5048 Datasheet HTML 6Page - ams AG AS5048 Datasheet HTML 7Page - ams AG AS5048 Datasheet HTML 8Page - ams AG AS5048 Datasheet HTML 9Page - ams AG AS5048 Datasheet HTML 10Page - ams AG AS5048 Datasheet HTML 11Page - ams AG AS5048 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Revision 1.3
www.a ustriamicrosystems.com
Page 7 of 29
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
2.2
Operating Conditions
All in this specification defined tolerances for external components need to be assured over the whole operation conditions
range and also over lifetime.
Parameter
Symbol
Min
Max
Unit
Note
Positive supply voltage
VDD5V
4.5
5.5
V
5V Operation via LDO
VDD3V
3
3.6
V
LDO output voltage
Positive core supply voltage
VDDCORE
3
3.6
V
Negative supply voltage
GND
0
0
V
Ambient temperature
T_amb
-40
150
°C
Only for 5V operation.
T_amb_max for 3V is 125°C
Supply Current
I_sup
15
mA
Ta ble 3: Operating Condition
2.3
DC/AC Characteristics for digital inputs and outputs
Parameter
Symbol
Min
Typ
Max
Unit
Note
CMOS digital input with schmitt trigger: CSn, CLK, MOSI
High level input voltage
V_IH
0.7 * VDD5V
V
Low level input voltage
V_IL
0.3 * VDD5V
V
Input leakage current
l_LEAK
1
A
CMOS output: PWM, MISO
High level output voltage
V_OH
VDD5V-0.5
V
Low level output voltage
V_OL
GND+0.4
V
Capacitive load
C_L
50
pF
Output current
I_OUT
4
mA
Table 4:DC/AC characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com