Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5048 Datasheet(PDF) 4 Page - ams AG

Part # AS5048
Description  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5048 Datasheet(HTML) 4 Page - ams AG

  AS5048 Datasheet HTML 1Page - ams AG AS5048 Datasheet HTML 2Page - ams AG AS5048 Datasheet HTML 3Page - ams AG AS5048 Datasheet HTML 4Page - ams AG AS5048 Datasheet HTML 5Page - ams AG AS5048 Datasheet HTML 6Page - ams AG AS5048 Datasheet HTML 7Page - ams AG AS5048 Datasheet HTML 8Page - ams AG AS5048 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Revision 1.3
www.a ustriamicrosystems.com
Page 3 of 29
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
6.3
CHOOSING THE PROPER MAGNET ............................................................................................... 26
6.4
PHYSICAL PLACEMENT OF THE MAGNET ..................................................................................... 27
6.5
MAGNET PLACEMENT ................................................................................................................ 27
7
ORDERING INFORMATION ...................................................................................................... 28
8
REVISION HISTORY .................................................................................................................. 28
9
COPYRIGHTS.............................................................................................................................. 29
10 DISCLAIMER .............................................................................................................................. 29
List of Figures
FIGURE 1: PIN CONFIGURATION TSSOP14 ................................................................................................. 5
FIGURE 2: CONNECTIONS FOR 5V AND 3.3V SUPPLY VOLTAGES .................................................................. 9
FIGURE 3 SPI CONNECTION AS5048A WITH UC ...................................................................................... 10
FIGURE 4 SPI COMMAND/RESPONSE DATA FLOW .................................................................................... 10
FIGURE 5 SPI TIMING DIAGRAM ............................................................................................................. 11
FIGURE 6 SINGLE SLAVE MODE .............................................................................................................. 12
FIGURE 7 MULTIPLE SLAVE, N+3 WIRE (SEPARATE CHIPSELECT) ............................................................. 12
FIGURE 8 DAISY CHAIN, 4 WIRE ............................................................................................................ 13
FIGURE 9 READ COMMAND ................................................................................................................... 16
FIGURE 10 WRITE COMMAND ............................................................................................................... 16
FIGURE 11 CLEAR ERROR FLAG COMMAND ........................................................................................ 17
FIGURE 12 NOP COMMAND ................................................................................................................... 18
FIGURE 13 SLAVE ADDRESS CONSTRUCTION ............................................................................................ 22
FIGURE 14 PWM FORMAT...................................................................................................................... 23
FIGURE 15 PACKAGE MARKING .............................................................................................................. 23
FIGURE 16: TYPICAL MAGNET AND MAGNETIC FLUX DISTRIBUTION ........................................................... 26
FIGURE 17: DEFINED CHIP CENTER AND MAGNET DISPLACEMENT RADIUS .................................................. 27
FIGURE 18: VERTICAL PLACEMENT OF THE MAGNET................................................................................. 27
List of Tables
TABLE 1: PIN DESCRIPTION TSSOP14 ....................................................................................................... 5
TABLE 2 ABSOLUTE MAXIMUM RATINGS .................................................................................................. 6
TABLE 3: OPERATING CONDITION............................................................................................................. 7
TABLE 4:DC/AC CHARACTERISTICS ......................................................................................................... 7
TABLE 5 SYSTEM SPECIFICATION .............................................................................................................. 8
TABLE 6 GLOBAL TIMING CONDITIONS ...................................................................................................... 8
TABLE 7 SPI TIMING CHARACTERISTICS ................................................................................................. 11
TABLE 8 SPI COMMAND PACKAGE ......................................................................................................... 13
TABLE 9 SPI READ PACKAGE .................................................................................................................. 14
TABLE 10 SPI WRITE DATA PACKAGE...................................................................................................... 14
TABLE 11 SPI REGISTER MAP ................................................................................................................. 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com