Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5048 Datasheet(PDF) 2 Page - ams AG

Part # AS5048
Description  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5048 Datasheet(HTML) 2 Page - ams AG

  AS5048 Datasheet HTML 1Page - ams AG AS5048 Datasheet HTML 2Page - ams AG AS5048 Datasheet HTML 3Page - ams AG AS5048 Datasheet HTML 4Page - ams AG AS5048 Datasheet HTML 5Page - ams AG AS5048 Datasheet HTML 6Page - ams AG AS5048 Datasheet HTML 7Page - ams AG AS5048 Datasheet HTML 8Page - ams AG AS5048 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Revision 1.3
www.a ustriamicrosystems.com
Page 1 of 29
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
General Description
The AS5048 is an easy to use 360° angle position sensor with a 14-bit high resolution output. The maximum system
accuracy is 0.05° assuming linearization and averaging is done by the external microcontroller.
The IC measures the absolute position of the magnet’s rotation angle and consists of Hall sensors, analog digital
converter and digital signal processing. The zero position can be programmed via SPI or I²C command. Therefore no
programmer is needed anymore. This simplifies the assembly of the complete system because the zero position of
the magnet does not need to be mechanically aligned. This helps developers to shorten their developing time. The
sensor tolerates misalignment, air gap variations, temperature variations and as well external magnetic fields. This
robustness and wide temperature range (-40°C up to +150°C) of the AS5048 makes the IC ideal for rotation angle
sensing in harsh industrial and medical environments. Several AS5048 ICs can be connected in daisy chain for serial
data read out. The absolute position information of the magnet is directly accessible over a PWM output and can be
read out over a standard SPI or a high speed I²C interface. AS5048A has a SPI interface, AS5048B I2C interface.
Both devices offer a PWM output. An internal voltage regulator allows the AS5048 to operate at either 3.3 V or 5 V
supplies.
Key Features & Benefits
• 360° contactless angle position sensor
• Standard SPI or high speed I²C interface
• Pulse width modulated output (PWM)
• Simple programmable zero position via SPI or I²C
command
• No programmer needed
• 14-bit full scale resolution
0.0219°/LSB
• Angle accuracy 0.05°after system linearization and
averaging
• Daisy chain capability
• Tolerant to air gap variations
magnetic field input range: 30mT – 70mT
• -40°C to +150°C ambient temperature range
• 3.3V / 5V compliant
• 14-pin TSSOP package (5x6.4mm)
Applications
• Robotic joint position detection
• Industrial motor position control
• Medical robots and fitness equipment
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com