Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5048 Datasheet(PDF) 21 Page - ams AG

Part # AS5048
Description  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5048 Datasheet(HTML) 21 Page - ams AG

Back Button AS5048 Datasheet HTML 17Page - ams AG AS5048 Datasheet HTML 18Page - ams AG AS5048 Datasheet HTML 19Page - ams AG AS5048 Datasheet HTML 20Page - ams AG AS5048 Datasheet HTML 21Page - ams AG AS5048 Datasheet HTML 22Page - ams AG AS5048 Datasheet HTML 23Page - ams AG AS5048 Datasheet HTML 24Page - ams AG AS5048 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Revision 1.3
www.austriamicrosystems.com/AS504 8
Page 20 of 29
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
4.3.2
I²C Timing
FS-mode+
HS-mode
CB=100pF
HS-mode
CB=400pF
(5)
Symbol
Parameter
Condition
Min
Max
Min
Max
Min
Max
Unit
fSCLK
SCL clock Frequency
--
1000
--
3400
--
1700
kHz
tBUF
Bus Free Time; time between
STOP and START Condition
500
--
500
--
500
--
ns
tHD;STA
Hold Time; (Repeated) START
Condition (1)
260
--
160
--
160
--
ns
tLOW
LOW Period of SCL Clock
500
--
160
--
320
--
ns
tHIGH
HIGH Period of SCL Clock
260
--
60
--
120
--
ns
tSU;STA
Setup Time for a Repeated
START condition
260
--
160
--
160
--
ns
tHD;DAT
Data Hold Time (2)
0
450
0
70
0
150
ns
tSU;DAT
Data Setup Time (3)
50
--
10
--
10
--
ns
tR
Rise Time of SDA and SCL
Signals
20+0.1
Cb
120
--
--
--
--
ns
tF
Fall time of SDA and SCL signals
20+0.1
Cb
120 (4)
--
--
--
--
ns
trCL
Rise time of SCLH signal
Ext. pull-up
source of 3mA
--
--
10
40
20
80
ns
trCL1
Rise time of SCLH signal after
repeated START condition and
after an acknowledge bit
Ext. pull-up
source of 3mA
--
--
10
80
20
160
ns
tfCL
Output rise time of SCLH signal
Ext. pull-up
source of 3mA
--
--
10
40
20
80
ns
trDA
Output rise time of SDAH signal
--
--
10
80
20
160
ns
tfDA
Output rise time of SDAH signal
--
--
10
80
20
160
ns
tSU;STO
Setup Time for STOP Condition
260
--
160
--
160
--
ns
VnL
Noise margin at LOW level
0.1VDDp
--
0.1VDDp
--
0.1VDDp
--
V
VnH
Noise margin at HIGH level
0.2VDDp
--
0.2VDDp
--
0.2VDDp
--
V
Table 1 5 I²C Timing
(1)
after this time the first clock is generated
(2)
A device must internally provide a minimum hold time (120ns / max 250ns for Fast-mode Plus, 80ns / max 150ns for High-
speed mode) for the SDA signal (referred to the VIHmin of the SCL) to bridge the undefined region of the falling edge of SCL.
(3)
A fast-mode device can be used in standard-mode system, but the requirement tSU;DAT = 250ns must then e met. This is
automatically the case if the device does not stretch the LOW period of the SCL signal. If such a device does strech the LOW
period of the SCL signal, it must output the next data bit to the SDA line tRmax + TSU;DAT = 1000 + 250 = 1250ns before the SCL
line is released.
(4)
In Fast-mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors are used this has to
be considered for bus timing
(5)
For capacitive bus loads between 100pF and 400pF, the timing parameters must be linearly interpolated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com