Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5048 Datasheet(PDF) 27 Page - ams AG

Part # AS5048
Description  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5048 Datasheet(HTML) 27 Page - ams AG

Back Button AS5048 Datasheet HTML 22Page - ams AG AS5048 Datasheet HTML 23Page - ams AG AS5048 Datasheet HTML 24Page - ams AG AS5048 Datasheet HTML 25Page - ams AG AS5048 Datasheet HTML 26Page - ams AG AS5048 Datasheet HTML 27Page - ams AG AS5048 Datasheet HTML 28Page - ams AG AS5048 Datasheet HTML 29Page - ams AG AS5048 Datasheet HTML 30Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Revision 1.3
www.austriamicrosystems.com/AS504 8
Page 26 of 29
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
6.3
Choosing the Proper Magnet
The AS5048 works with a variety of different magnets in size and shape. A typical magnet could be 6-8 mm in diameter and
≥2.5mm in height The magnetic field strength perpendicular to the die surface has to be in the range of ±30mT…±70mT
(peak).
The magnet’s field strength should be verified using a gauss-meter. The magnetic flux BZ at a given distance, along a
concentric circle with a radius of 1.1mm (R1), should be in the range of ±30mT…±70mT.
N
S
Magnet axis
Vertical field
component
(30…70mT)
0
3 60
360
Bv
Vertical field
component
R1 concentric circle;
radius 1.1mm
R1
Magnet axis
ty p. 6-8mm diameter
S
N
Figure 16: Typical magnet and magnetic flux distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com