Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5048B-HTSP Datasheet(PDF) 9 Page - ams AG

Part # AS5048B-HTSP
Description  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5048B-HTSP Datasheet(HTML) 9 Page - ams AG

Back Button AS5048B-HTSP Datasheet HTML 5Page - ams AG AS5048B-HTSP Datasheet HTML 6Page - ams AG AS5048B-HTSP Datasheet HTML 7Page - ams AG AS5048B-HTSP Datasheet HTML 8Page - ams AG AS5048B-HTSP Datasheet HTML 9Page - ams AG AS5048B-HTSP Datasheet HTML 10Page - ams AG AS5048B-HTSP Datasheet HTML 11Page - ams AG AS5048B-HTSP Datasheet HTML 12Page - ams AG AS5048B-HTSP Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Revision 1.3
www.a ustriamicrosystems.com
Page 8 of 29
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
2.4
Electrical System Specifications
VDD5V = 5V, TAmbient = -40 to +150°C unless noted otherwise
Parameter
Symbol
Min
Typ
Max
Unit
Note
Magnetic input field
Bz
30
50
70
mT
Output sampling rate
fsample
10.2
11.25
12.4
kHz
Output Resolution
RES
14
Bit
Sensor output noise
Noise
0.06
Deg
2.73LSB@14bit, rms
value
System propagation delay
tprop
90.7
100
110.2
s
PWM frequency
fPWM
0.907
1
1.102
kHz
Non-linearity optimum placement of
magnet
INLOPT
±0.4
Deg
Assuming 8 mm
diameter of magnet
Non-linearity @displacement of
magnet
INLDIS
±0.7
Deg
Assuming 8 mm
diameter of magnet and
500 um displacement in
x and y
Non-linearity @displacement of
magnet and temperature -40 -150
degC
INLDIS+TEMP
±1.2
Deg
Assuming 8 mm
diameter of magnet and
500 um displacement in
x and y
Startup Time
tstartup
10
ms
Ta ble 5 Sy stem specification
2.5
Global Timing Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Note
Internal Master Clock
FOSC
4.05
4.5
4.95
MHz
±10%
TOSC
1/FOSC
Hz
Ta ble 6 Global timing conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com