Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5048B-HTSP Datasheet(PDF) 11 Page - ams AG

Part # AS5048B-HTSP
Description  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5048B-HTSP Datasheet(HTML) 11 Page - ams AG

Back Button AS5048B-HTSP Datasheet HTML 7Page - ams AG AS5048B-HTSP Datasheet HTML 8Page - ams AG AS5048B-HTSP Datasheet HTML 9Page - ams AG AS5048B-HTSP Datasheet HTML 10Page - ams AG AS5048B-HTSP Datasheet HTML 11Page - ams AG AS5048B-HTSP Datasheet HTML 12Page - ams AG AS5048B-HTSP Datasheet HTML 13Page - ams AG AS5048B-HTSP Datasheet HTML 14Page - ams AG AS5048B-HTSP Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Revision 1.3
www.a ustriamicrosystems.com
Page 10 of 2 9
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
4.2
SPI Interface
The 16 bit SPI Interface enables read / write access to the register blocks and is compatible to a standard micro controller
interface. The SPI is active as soon as CSn is pulled low. The AS5048A then reads the digital value on the MOSI(master out
slave in) input with every falling edge of CLK and writes on its MISO (master in slave out) output with the rising edge. After 16
clock cycles CSn has to be set back to a high status in order to reset some parts of the interface core.
4.2.1
SPI Interface Signals (4-Wire Mode, Wire_mode = 1)
The AS5048A only supports slave operation mode. Therefore CLK for the communication as well as the CSn signal has to be
provided by the test equipment. The following picture shows a basic interconnection diagram with one master and an AS5048A
device and a principle schematic of the interface core.
Figure 3 SPI Connection AS5 048A with uC
Because the interface has to decode the sent command before it can react and provide data the response of the chip to a
specific command applied at a time T can be accessed in the next transmission cycle ending at T + TCOM.
The data are sent and read with MSB first. Every time the chip is accessed it is sending and receiving data.
Figure 4 SPI Comm and/Re sponse Data Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com