Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5048B-HTSP Datasheet(PDF) 20 Page - ams AG

Part # AS5048B-HTSP
Description  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5048B-HTSP Datasheet(HTML) 20 Page - ams AG

Back Button AS5048B-HTSP Datasheet HTML 16Page - ams AG AS5048B-HTSP Datasheet HTML 17Page - ams AG AS5048B-HTSP Datasheet HTML 18Page - ams AG AS5048B-HTSP Datasheet HTML 19Page - ams AG AS5048B-HTSP Datasheet HTML 20Page - ams AG AS5048B-HTSP Datasheet HTML 21Page - ams AG AS5048B-HTSP Datasheet HTML 22Page - ams AG AS5048B-HTSP Datasheet HTML 23Page - ams AG AS5048B-HTSP Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Revision 1.3
www.austriamicrosystems.com/AS504 8
Page 19 of 29
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
4.3
I²C interface
The AS5048B supports 2-wire high-speed I²C protocol in device mode. The host MCU (master) has to initiate the data
transfers. The 7-bit device address of the slave depends on the state of the OTP I2C register 21 (0x15) bit 0…4 + 2 I2C
address selection pin 3 and 4.
Supported modes:
Random/Sequential Read
Byte/Page Write
Standard : 0 to 100kHz clock frequency (slave mode)
Fast Mode : 0 to 400kHz clock frequency (slave mode)
High Speed: 0 to 3.4MHz clock frequency (slave mode)
The SDA signal is bidirectional and is used to read and write the serial data. The SCL signal is the clock generated by the
host MCU, to synchronize the SDA data in read and write mode. The maximum I²C clock frequency is 3.4MHz, data are
triggered on the rising edge of SCL.
4.3.1
I²C Electrical Specification
FS-mode+
HS-mode
CB=100pF
HS-mode
CB=400pF
Symbol
Parameter
Condition
Min
Max
Min
Max
Min
Max
Unit
VIL
LOW-Level Input Voltage
-0.5
0.3VDD
-0.5
0.3VDD
-0.5
0.3VDD
V
VIH
HIGH-Level Input Voltage
0.7VDD
VDD + 0.5
(1)
0.7VDD
VDD +
0.5 (1)
0.7VDD
VDD + 0.5
(1)
V
Vhys
Hysteresis of Schmitt Trigger
Inputs
VDD< 2V
0.1VDD
--
0.1VDD
--
0.1VDD
--
V
VOL
LOW-Level Output Voltage
(open-drain or open-collector)
at 3mA Sink Current
VDD < 2V
--
0.2VDD
--
0.2VDD
--
0.2VDD
V
IOL
LOW-Level Output Current
VOL = 0.4V
20
--
--
--
--
mA
ICS
Pull-up current of SCLH
current source
--
--
3
12
3
12
mA
tSP
Pulse Width of Spikes that
must be suppressed by the
Input Filter
--
50 (2)
--
10
--
10
ns
Ii
Input Current at each I/O Pin
Input Voltage
between
-10
+10 (3)
--
10
--
10
A
CB
Total Capacitive Load for
each Bus Line
--
550
--
100
--
400
pF
CI/O
I/O Capacitance (SDA, SCL)
--
10
--
10
--
10
pF
Table 14 I²C Ele ctic al Spe cific ation
(1) Maximum VIH = VDDmax +0.5V or 5.5V
(2) Input filters on the SDA and SCL inputs suppress noise spikes of less than 50 ns.
(3) I/O pins of Fast-mode and Fast-mode Plus devices must not obstruct the SDA and SCL lines if VDD is switched
off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com