Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5048B-HTSP Datasheet(PDF) 23 Page - ams AG

Part # AS5048B-HTSP
Description  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5048B-HTSP Datasheet(HTML) 23 Page - ams AG

Back Button AS5048B-HTSP Datasheet HTML 19Page - ams AG AS5048B-HTSP Datasheet HTML 20Page - ams AG AS5048B-HTSP Datasheet HTML 21Page - ams AG AS5048B-HTSP Datasheet HTML 22Page - ams AG AS5048B-HTSP Datasheet HTML 23Page - ams AG AS5048B-HTSP Datasheet HTML 24Page - ams AG AS5048B-HTSP Datasheet HTML 25Page - ams AG AS5048B-HTSP Datasheet HTML 26Page - ams AG AS5048B-HTSP Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Revision 1.3
www.austriamicrosystems.com/AS5048
Page 22 of 29
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
4.3.4
I²C Slave address
Figure 1 3 Sla ve address construction
The slave address consists of the hardware setting on pins A1, A2 and upper MSBs programmable by the user. The MSB of
the slave address (yellow) is internally inverted. This means that by default the resulting data is ‘1’. A read of the I²C slave
address register 21 will return a ‘0’ at the MSB.
4.4
PWM interface
The AS5048 provides a pulse width modulated output (PWM), whose duty cycle is proportional to the measured angle. The
PWM frequency is internally trimmed to an accuracy of
±10% over full temperature range. This tolerance can be cancelled
by measuring the complete duty cycle.
The PWM signal consists of different sections:
•
Init:
12 clocks
-> PWM = ‘high’
•
Error_n:
4 clocks
-> PWM = ‘not(system_error)’
•
Data:
4095 clocks -> PWM = ‘angle_zero’ / ‘low’ (in case of error)
•
Exit:
8 clocks
-> PWM = ‘low’
In case of an error the data section is set to zero.
1
0
0
0
0
A
2
A
1
OTP cotent
(Default)
Slave Address
X
X
X
X
X
X
X
X
Register Address
random read
1
0
0
0
0
A
2
A
1
Slave Address
X
X
X
X
X
X
X
X
Data Byte (n)
X
X
X
X
X
X
X
X
Register Address
X
X
X
X
X
X
X
X
Data Byte (n)
HW
Pins
HW
Pins
1
0
0
0
0
A
2
A
1
OTP cotent
(Default)
Slave Address
random write
HW
Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com