Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5048B-HTSP Datasheet(PDF) 12 Page - ams AG

Part # AS5048B-HTSP
Description  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5048B-HTSP Datasheet(HTML) 12 Page - ams AG

Back Button AS5048B-HTSP Datasheet HTML 8Page - ams AG AS5048B-HTSP Datasheet HTML 9Page - ams AG AS5048B-HTSP Datasheet HTML 10Page - ams AG AS5048B-HTSP Datasheet HTML 11Page - ams AG AS5048B-HTSP Datasheet HTML 12Page - ams AG AS5048B-HTSP Datasheet HTML 13Page - ams AG AS5048B-HTSP Datasheet HTML 14Page - ams AG AS5048B-HTSP Datasheet HTML 15Page - ams AG AS5048B-HTSP Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Revision 1.3
www.a ustriamicrosystems.com
Page 11 of 29
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
4.2.2
SPI Timing
CSn
(Input )
CLK
(Input )
MOSI
(Input )
MISO
(Output )
tclk
tL
tMOSI
tMISO
tOZ
tOZ
tH
tCSn
tclkL
tclkH
data[15]
data [15]
data [14]
data [14]
data[0]
data [0]
Figure 5 SPI Timing Diagram
Parameter
Description
Min
Max
Unit
tL
Time between CSn falling edge and CLK rising edge
10 (2)
ns
tL
Time between CSn falling edge and CLK rising edge
350 (1)
ns
TCLK
Serial clock period
100
ns
tCLKL
Low period of serial clock
50
ns
tCLKH
High period of serial clock
50
ns
tH
Time between last falling edge of CLK and rising edge of CSn
tCLK / 2
ns
TCSnH
High time of CSn between two transmissions
10 (2)
ns
TCSnH
High time of CSn between two transmissions
350 (1)
ns
tMOSI
Data input valid to clock edge
20
ns
tMISO
CLK edge to data output valid
20
ns
Table 7 SPI Timing Chara cte ristics
Notes:
(1) Synchronization with the internal clock
2 * tCLK_SYS + 10 ns (e.g. at 8 MHz
253 ns)
(2) No synchronization needed because the internal clock is inactive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com