Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5215 Datasheet(PDF) 7 Page - ams AG

Part # AS5215
Description  Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5215 Datasheet(HTML) 7 Page - ams AG

Back Button AS5215 Datasheet HTML 3Page - ams AG AS5215 Datasheet HTML 4Page - ams AG AS5215 Datasheet HTML 5Page - ams AG AS5215 Datasheet HTML 6Page - ams AG AS5215 Datasheet HTML 7Page - ams AG AS5215 Datasheet HTML 8Page - ams AG AS5215 Datasheet HTML 9Page - ams AG AS5215 Datasheet HTML 10Page - ams AG AS5215 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
www.austriamicrosystems.com/AS5215
Revision 1.11
6 - 26
AS5215
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
Unless otherwise noted all in this specification defined tolerances of parameters are assured over the whole operation conditions range and also
over lifetime.
Table 3. Operating Conditions
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDD
Positive Supply Voltage
4.5
5.5
V
VSS
Negative Supply Voltage
0.0
0.0
V
T_amb
Ambient temperature
-40
150
ºC
Table 4. DC/AC Characteristics for Digital Inputs and Outputs
Symbol
Parameter
Condition
Min
Typ
Max
Unit
CMOS Input
V_IH
High level Input voltage
0.7 * VDD
V
V_IL
Low level Input Voltage
0.3 * VDD
V
I_LEAK
Input Leakage Current
1
µA
CMOS Output
V_OH
High level Output voltage
4 mA
VDD - 0.5
V
V_OL
Low level Output Voltage
4 mA
VSS + 0.4
V
C_L
Capacitive Load
35
pF
t_slew
Slew Rate
30
ns
t_delay
Time Rise Fall
15
ns
CMOS Output Tristate
I_OZ
Tristate Leakage Current
1
µA
Table 5. Magnetic Input Specification
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Two pole cylindrical magnet, diametrically magnetized:
dMAG
Diameter
4
6
mm
Bpp
Magnetic input field amplitude
200 – 800 Gauss
20
50
80
mt
frot
Rotational speed
Max 30000 RPM
0
500
Hz
Table 6. Electrical System Specifications
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IDD
Current Consumption
Max value derived at maximum I_H (Hall Bias
Current)
Note:
For single die only.
20
28
mA
tpower_on
Power up time
1.275
ms
tprop
Propagation delay
-40 to 150ºC
18
22
30
µs
M
Magnetic Sensitivity
1G = 0.1 mT
1
6
mV/G
Vout
Analog output range
Vss+
0.25
Vdd-
0.5
V
SF=SF25C
- (AP1_1/
AP2_1)
Amplitude ratio tracking accuracy
over temperature
-40 to 150ºC
-1
+1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com