Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5215 Datasheet(PDF) 22 Page - ams AG

Part # AS5215
Description  Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5215 Datasheet(HTML) 22 Page - ams AG

Back Button AS5215 Datasheet HTML 18Page - ams AG AS5215 Datasheet HTML 19Page - ams AG AS5215 Datasheet HTML 20Page - ams AG AS5215 Datasheet HTML 21Page - ams AG AS5215 Datasheet HTML 22Page - ams AG AS5215 Datasheet HTML 23Page - ams AG AS5215 Datasheet HTML 24Page - ams AG AS5215 Datasheet HTML 25Page - ams AG AS5215 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
www.austriamicrosystems.com/AS5215
Revision 1.11
21 - 26
AS5215
Datasheet - Application In form atio n
8.9 OTP Programming and Verification
Figure 18. OTP Programming Connection
For programming of the OTP, an additional voltage has to be applied to the pin PROG. It has to be buffered by a fast 100nF capacitor (ceramic)
and a 10µF capacitor. The information to be programmed is set by command 25. The OTP bits 16 until 45 are used for AMS factory trimming and
cannot be overwritten.
After programming, the programmed OTP bits must be verified in two ways:
By Digital Verification: This is simply done by sending a READ OTP command (#15). The structure of this register is the same as for the OTP
PROG or OTP WRITE commands.
Symbol
Parameter
Min
Max
Unit
Note
VDD
Supply Voltage
5
5.5
V
GND
Ground level
0
0
V
V_zapp
Programming Voltage
8
8.5
V
At pin PROG
T_zapp
Temperature
0
85
ºC
f_clk
CLK Frequency
100
kHz
At pin DCLK
VDD
VSS
Micro
Controller
AS5130
100n
VSS
+5V
VDD
CS
VDD
DCLK
DIO
PROG
VSS
+
10µF 100n
8.0 - 8.5V
VDD
VSUPPLY
PROG
GND
C1
C2
100nF
10µF
Vzapp
Vprog
PROM Cell
maximum
parasitic cable
inductance
L<50nH
I/O
Output
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com