Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5215 Datasheet(PDF) 9 Page - ams AG

Part # AS5215
Description  Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5215 Datasheet(HTML) 9 Page - ams AG

Back Button AS5215 Datasheet HTML 5Page - ams AG AS5215 Datasheet HTML 6Page - ams AG AS5215 Datasheet HTML 7Page - ams AG AS5215 Datasheet HTML 8Page - ams AG AS5215 Datasheet HTML 9Page - ams AG AS5215 Datasheet HTML 10Page - ams AG AS5215 Datasheet HTML 11Page - ams AG AS5215 Datasheet HTML 12Page - ams AG AS5215 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.austriamicrosystems.com/AS5215
Revision 1.11
8 - 26
AS5215
Datasheet - Detailed Descr i pti on
7 Detailed Description
The AS5215 is a redundant rotary encoder sensor front end. Based on an integrated Hall element array, the angular position of a simple two-pole
magnet is translated into analog output voltages. The angle information is provided by means of sine and cosine voltages. This approach gives
maximum flexibility in system design, as it can be directly integrated into existing architectures and optimized for various applications in terms of
speed and accuracy.
With two independent dies in one package, the device offers true redundancy. Usually the bottom die, which is exposed to slightly less magnetic
field is employed for plausibility check.
An SSI (SPI standard) protocol is implemented for internal test access to the different circuit blocks and for signal path configuration.
A One Time Programmable register block (OTP) allows the customer to adjust the signal path gain to adjust for different mechanical constraints
and magnetic field strengths. Furthermore, for internal use, the test mode can be enabled and the system oscillator is trimmable, DC offset of the
output signal can be set to either 1.5V or 2.5V. A unique chip ID is stored to ensure traceability.
For operating point control, a band gap circuit is implemented together with a central bias block to distribute all reference bias currents for the
analog signal conditioning. The digital signal part is based on a 2MHz system, CLK derived via. divider from a 4MHz system oscillator.
Figure 3. Typical Arrangement of AS5215 and Magnet
7.1 Magnet Diameter and Vertical Distance
Note:
Following is just an abstract taken from the elaborate application note on the Magnet.
For more detailed information, please visit our homepage www.austriamicrosystems.com
→ Magnetic Rotary Encoders → Magnet
Application Notes
7.1.1 The Linear Range
The Hall elements used in the AS5000-series sensor ICs are sensitive to the magnetic field component Bz, which is the magnetic field vertical to
the chip surface. Figure 4 shows a 3-dimensional graph of the Bz field across the surface of a 6mm diameter, cylindrical NdFeB N35H magnet at
an axial distance of 1mm between magnet and IC.
The highest magnetic field occurs at the north and south poles, which are located close to the edge of the magnet, at ~2.8mm radius (see Figure
5). Following the poles towards the center of the magnet, the Bz field decreases very linearly within a radius of ~1.6mm. This linear range is the
operating range of the magnet with respect to the Hall sensor array on the chip. For best performance, the Hall elements should always be within
this linear range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com