Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5215 Datasheet(PDF) 17 Page - ams AG

Part # AS5215
Description  Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5215 Datasheet(HTML) 17 Page - ams AG

Back Button AS5215 Datasheet HTML 13Page - ams AG AS5215 Datasheet HTML 14Page - ams AG AS5215 Datasheet HTML 15Page - ams AG AS5215 Datasheet HTML 16Page - ams AG AS5215 Datasheet HTML 17Page - ams AG AS5215 Datasheet HTML 18Page - ams AG AS5215 Datasheet HTML 19Page - ams AG AS5215 Datasheet HTML 20Page - ams AG AS5215 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
www.austriamicrosystems.com/AS5215
Revision 1.11
16 - 26
AS5215
Datasheet - Application In form atio n
8.3 Device Communication / Programming
Remark:
1. Send EN PROG (command 16) in normal mode before accessing the OTP in extended mode.
2. OTP assignment will be defined/updated.
Table 10. Digital Interface at Normal Mode
#
command
bin
mode
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
23
WRITE CONFIG
1
10111
write
go2sleep
gen_rst
analog_sig
OB_bypassed
16
EN_PROG
10000
write
1
0
0
0
1
1
0
0
1
0
1
0
1
1
1
0
Name
Functionality
go2sleep
Enter/leave low power mode (no output signals)
gen_rst
Generates global reset
analog_sig
Switches the channels to the test bus after the PGA
OB_bypassed
Disable and bypass output buffer for testing purpose
Table 11. Digital Interface at Extended Mode
#
command
bin
mode
Factory Settings
User Settings
<45:44>
<43:
26>
<25:23>
<22:2
0>
<19:1
8>
<17:1
4>
<13>
<12>
<11>
<10>
<9>
<8:7>
<6>
<5:0>
31 WRITE OTP
11111
xt write
otp test
ID
10µbiastrim
vref
osc
lock_O
TP
n.c.
invert_
channel
cm_sin
cm_cos
gain
dc_
offset
hall_
bias
25 PROG_OTP
11001 xt write
otp test
ID
10µbiastrim
vref
osc
lock_O
TP
n.c.
invert_
channel
cm_sin
cm_cos
gain
dc_
offset
hall_
bias
15 RD_OTP
01111
xt read
otp test
ID
10µbiastrim
vref
osc
lock_O
TP
n.c.
invert_
channel
cm_sin
cm_cos
gain
dc_
offset
hall_
bias
9 RD_OTP_ANA
01001 xt read
Name
Functionality
Otp_test
Dummy fuse bit used in production test
ID
Part identification
n.c.
Not connected
10µbiastrim
10µ bias current trim bits
vref
Bias Block reference voltage trim bits
osc
Oscillator trimming bits
lock_OTP
To disable the programming of the factory bits <45…14>
invert_channel
Inverts SIN and COS channel before the PGA for inverted output function (0...SIN/COS, 1...SINN/
COSN)
cm_sin
Common mode voltage output enabled at SINN / CM pin (0...differential, 1...common)
cm_cos
Common mode voltage output enabled at COSN / CM pin (0...differential, 1...common)
gain
PGA gain setting (influences overall magnetic sensitivity), 2bit
dc_offset
Output DC offset (0…1.5V, 1…2.5V)
Hall_b
Hall bias setting (influences overall magnetic sensitivity), 6bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com