Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5215 Datasheet(PDF) 16 Page - ams AG

Part # AS5215
Description  Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5215 Datasheet(HTML) 16 Page - ams AG

Back Button AS5215 Datasheet HTML 12Page - ams AG AS5215 Datasheet HTML 13Page - ams AG AS5215 Datasheet HTML 14Page - ams AG AS5215 Datasheet HTML 15Page - ams AG AS5215 Datasheet HTML 16Page - ams AG AS5215 Datasheet HTML 17Page - ams AG AS5215 Datasheet HTML 18Page - ams AG AS5215 Datasheet HTML 19Page - ams AG AS5215 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
www.austriamicrosystems.com/AS5215
Revision 1.11
15 - 26
AS5215
Datasheet - Application In form atio n
8 Application Information
8.1 Sleep Mode
The target is to provide the possibility to reduce the total current consumption. No output signal will be provided when the IC is in sleep mode.
Enabling or disabling sleep mode is done by sending the SLEEP or WAKEUP commands via. the SSI interface. Analog blocks are powered
down with respect to fast wake up time.
8.2 SSI Interface
The setup for the device is handled by the digital interface. Each communication starts with the rising edge of the chip select signal. The
synchronization between the internal free running analog clock oscillator and the external used digital clock source for the digital interface is
done in a way that the digital clock frequency can vary in a wide range.
Table 8. SSI Interface Pin Description
Port
Symbol
Function
Chip select
CS
Indicates the start of a new access cycle to the device
CS = LO
→ reset of the digital interface
DCLK
DCLK
Clock source for the communication over the digital interface
Bidirectional data input output
DIO
Command and data information over one single line
The first bit of the command defines a read or write access
Table 9. SSI Interface Parameter Description
Symbol
Parameter
Notes
Min
Typ
Max
Unit
f_DCLK
Clock frequency at normal operation
The nominal value for the clock frequency can
be derived from a 10MHz oscillator source.
no limit
5
6
MHz
f_EZ_RW
Clock frequency at easy zap read
write access
no limit
5
6
kHz
f_EZ_PR
OG
Clock frequency at easy zap access
program OTP
Correct access to the programmable zener
diode block needs a strict timing – the zap pulse
is exact one period.
The nominal value for the clock frequency can
be derived from a 10MHz oscillator source.
200
-
650
kHz
f_EZ_AR
B
Clock frequency at easy zap analog
readback
20pF external load allowed.
The nominal value for the clock frequency can
be derived from a 10MHz oscillator source.
no limit
156.3
162.5
kHz
Interface General at normal mode
Protocol: 5 command bit + 16 data input output
Command
5 bit command: cmd<4:0>
← bit<21:16>
Data
16 bit data: data<15:0>
← bit<15:0>
Interface General at extended mode
Protocol: 5 command bit + 46 data input output
Command
5 bit command: cmd<4:0>
← bit<50:46>
Data
34 bit data: data<45:0>
← bit<45:0>
Interface Modes
Normal read operation mode
cmd<4:0> = <00xxx>
→ 1 DCLK per data bit
Extended read operation mode
cmd<4:0> = <01xxx>
→ 4 DCLK per data bit
Normal write operation mode
cmd<4:0> = <10xxx>
→ 1 DCLK per data bit
Extended write operation mode
cmd<4:0> = <11xxx>
→ 4 DCLK per data bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com