Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5306 Datasheet(PDF) 2 Page - ams AG

Part # AS5306
Description  Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5306 Datasheet(HTML) 2 Page - ams AG

  AS5306 Datasheet HTML 1Page - ams AG AS5306 Datasheet HTML 2Page - ams AG AS5306 Datasheet HTML 3Page - ams AG AS5306 Datasheet HTML 4Page - ams AG AS5306 Datasheet HTML 5Page - ams AG AS5306 Datasheet HTML 6Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AS53xx Linear Multipole Magnetic Strip
Magnet Specification
www.austrimaicrosystems.com
Revision 0.1
2 - 6
Parameter
Symbol
Min
Typ
Max
Unit
Note
Cumulative error
40
20
10
µm/m
depending on accuracy grade
standard
A20
A10
Thermal Expansion
1E-4
1/K
Mechanical length expansion
Temperature Range
Tamb
-40
25
100
°C
scale mounted, no bending
Magnetization
The MS12-250 magnet strip is magnetized on the top side and bonded on a steel support with elastomer adhesive
(bottom). Note that the polarization of the magnet will change when it is rotated as the pole arrangement not
symmetric. This will influence the position of the index pulse.
An index pulse is generated when the North and South poles are placed over the Hall array as shown in Figure 2.
The incremental output count increases when the magnet is moving to the left, facing the chip with pin#1 at the
lower left corner (see Figure 2, top drawing). At the same time, the absolute position information increases.
Likewise, the position information decreases when the magnet is moved in the opposite direction. Note that there is
no hysteresis at the absolute output. In order to get a stable 12-bit absolute reading, it may be necessary to filter
the values by averaging, e.g. a moving average calculation in the external microcontroller. Averaging 4 readings
results in 6dB (=50%) noise and jitter reduction. An average of 16 readings reduces the jitter by a factor of 4.
Mounting the Magnet Strip
The magnet strip may be mounted directly on magnetic or non-magnetic surfaces. When magnetic surfaces are
used, the strip must be mounted on top of the surface, but not immersed in a cavity, as this may weaken the
magnetic field of the magnet. When mounting the magnet on a non-magnetic surface, either method is acceptable.
For more rigid demands, magnet suppliers offer customized solutions where the magnet material is directly
overmolded on the carrier, e.g. a shaft, bushing, plate, etc..
Please contact your magnet supplier for more information. A list of recommended suppliers is available for
download on the austriamicrosystems website.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com