Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5306 Datasheet(PDF) 4 Page - ams AG

Part # AS5306
Description  Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5306 Datasheet(HTML) 4 Page - ams AG

  AS5306 Datasheet HTML 1Page - ams AG AS5306 Datasheet HTML 2Page - ams AG AS5306 Datasheet HTML 3Page - ams AG AS5306 Datasheet HTML 4Page - ams AG AS5306 Datasheet HTML 5Page - ams AG AS5306 Datasheet HTML 6Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AS53xx Linear Multipole Magnetic Strip
Magnet Specification
www.austrimaicrosystems.com
Revision 0.1
4 - 6
Figure 2:
Alignment of magnet strip with AS5306 sensor IC
1.00 ± 0.1
3.0475±0.235
Die C/L
Note: all dimensions are in mm
S
N
S
N
S
N
S
N
S
N
AS5306
Package
Outline
3.0475±0.235
Die C/L
S
N
S
N
S
N
S
N
S
N
see text
leftmost magnet position
vertical airgap
1.00
1.00
magnet
strip
carrier
rightmost magnet position
position value
increases
position value
decreases
Note that the polarization of the magnet will be reversed when it is rotated or flipped (see Magnetization for more
details).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com