Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5306 Datasheet(PDF) 3 Page - ams AG

Part # AS5306
Description  Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5306 Datasheet(HTML) 3 Page - ams AG

  AS5306 Datasheet HTML 1Page - ams AG AS5306 Datasheet HTML 2Page - ams AG AS5306 Datasheet HTML 3Page - ams AG AS5306 Datasheet HTML 4Page - ams AG AS5306 Datasheet HTML 5Page - ams AG AS5306 Datasheet HTML 6Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.austrimaicrosystems.com
Revision 0.1
3 - 6
4 Magnet Dimensions
Figure 1:
MS12-250 strip dimensions
L = 300
L =2.4
S
1
2
3
4
5
6
249
250
T = 1.2
8
7
recommended
scanning path
247
248
N
N
S
N
S
N
S
N
S
N
S
Alignment of Magnet Strip and Sensor IC
When aligning the magnet strip to the AS5306 sensor IC, the centerline of the magnet strip should be placed
exactly over the Hall array. See Figure 2 for the position of the Hall array relative to Pin #1.
Vertical Distance
The vertical distance between the magnet strip and the top of the IC package should be
≤ 0.4mm. Note that the
vertical distance depends on the strength of the magnet. The AS5306 automatically adjusts for fluctuating magnet
strength by using an automatic gain control (AGC). There are several indicators for proper magnetic field strength
available with the AS5306. The vertical distance should be set such that
the AO voltage is between 1.0 and 4.0V.
See the AS5306 datasheet for more details.
See also Error! Reference source not found. for measurement data of the MS12-250 magnetic strip.
Lateral Stroke
The lateral movement range (stroke) can cover the active area of the magnetic strip (see Figure 1) as long as all
Hall sensors of the IC are covered by the magnet. The Hall array on the AS5306 has a length of 2.0mm, hence the
total stroke is
Stroke = Length of active area – length of Hal array = 300.0mm – 2.0mm = 298.0mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com