Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5306 Datasheet(PDF) 1 Page - ams AG

Part # AS5306
Description  Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5306 Datasheet(HTML) 1 Page - ams AG

  AS5306 Datasheet HTML 1Page - ams AG AS5306 Datasheet HTML 2Page - ams AG AS5306 Datasheet HTML 3Page - ams AG AS5306 Datasheet HTML 4Page - ams AG AS5306 Datasheet HTML 5Page - ams AG AS5306 Datasheet HTML 6Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.austrimaicrosystems.com
Revision 0.1
1 - 6
1 General
This specification defines the dimensional and magnetic properties of a multipole magnetic strip for use with the
AS5306 magnetic linear motion and off-axis rotary angle encoder.
Material: Strontium ferrite bonded
2 Dimensional Specification
Parameter
Symbol
Min
Typ
Max
Unit
Note
Strip Length
L
300±2
mm
Active length = 300
Strip Width
W
10±0.2
mm
Active width = 10mm
Strip Thickness
T
1.3±0.
15
mm
1mm rubber bonded magnet on
0.3mm stainless steel strip
Thermal Expansion
17
x10
-6/K Mechanical length expansion
Density
3.5
1.43
3.65
4.64
3.8
7.85
g/cm
3
magnetic rubber
stainless steel
Delivery
Single cut pieces without adhesive, rolls of 25m, 50m (up to 100m max.)
3 Magnet Specification
Parameter
Symbol
Min
Typ
Max
Unit
Note
Pole Length
Lp
1.20
mm
Results in pole pair length of 2,40mm
(250 poles @ 1.2mm)
Pole Length Deviation
1
1.5
% of
2*Lp
Measured at Bz=0,
all poles within
active area
Amplitude Variation
±10
% of Bpk
All poles within active area
Number of Poles
250
poles
Excluding poles with L<LP at the ends
of the strip
Resolution
Res
15
µm
AS5306 @ incremental output
Magnetic Field Amplitude
@ 0.4mm Distance
Bpk
mT
Vertical component of the magnetic
field strength in the center of the strip
at 25°C
Magnetic Field Temperature
Drift
TkBr
-0.2
%/K
AS5306
Magnetic Multipole Strip MS12-250
Pole Length 1.2mm, 250 Poles
Magnet Specification


Similar Part No. - AS5306

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5306A AMSCO-AS5306A Datasheet
479Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
AS5306B AMSCO-AS5306B Datasheet
479Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
More results

Similar Description - AS5306

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
MS250 ASTEC-MS250 Datasheet
656Kb / 2P
250 Watts
logo
TRIAD MAGNETICS
FP24-250 TRIAD-FP24-250 Datasheet
43Kb / 1P
FP24-250
FS24-250 TRIAD-FS24-250 Datasheet
43Kb / 1P
FS24-250
VPP10-250 TRIAD-VPP10-250 Datasheet
49Kb / 1P
VPP10-250
logo
Tyco Electronics
175057-1 MACOM-175057-1 Datasheet
61Kb / 1P
250 SERIES FLAGPOSITIVE LOCK EX 250
logo
List of Unclassifed Man...
110G19 ETC2-110G19 Datasheet
18Mb / 108P
POWERPOLE&MULTIPOLE
logo
ams AG
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
logo
Anaren Microwave
250-50RM ANAREN-250-50RM Datasheet
337Kb / 2P
250 Watts
logo
Schneider Electric
H328R SCHNEIDER-H328R Datasheet
144Kb / 4P
Safety switch, heavy duty, fusible, 1200A, 3 poles, 250 hp, 240 VAC/250 VDC, NEMA 3R
Jun 7, 2021
H327R SCHNEIDER-H327R Datasheet
141Kb / 3P
Safety switch, heavy duty, fusible, 800A, 3 poles, 250 hp, 240 VAC/250 VDC, NEMA 3R
Jun 7, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com