Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5306 Datasheet(PDF) 5 Page - ams AG

Part # AS5306
Description  Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5306 Datasheet(HTML) 5 Page - ams AG

  AS5306 Datasheet HTML 1Page - ams AG AS5306 Datasheet HTML 2Page - ams AG AS5306 Datasheet HTML 3Page - ams AG AS5306 Datasheet HTML 4Page - ams AG AS5306 Datasheet HTML 5Page - ams AG AS5306 Datasheet HTML 6Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AS53xx Linear Multipole Magnetic Strip
Magnet Specification
www.austrimaicrosystems.com
Revision 0.1
5 - 6
5 Adhesive Tape Specification



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com