Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 7 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 7 Page - ams AG

Back Button AS5311_07 Datasheet HTML 3Page - ams AG AS5311_07 Datasheet HTML 4Page - ams AG AS5311_07 Datasheet HTML 5Page - ams AG AS5311_07 Datasheet HTML 6Page - ams AG AS5311_07 Datasheet HTML 7Page - ams AG AS5311_07 Datasheet HTML 8Page - ams AG AS5311_07 Datasheet HTML 9Page - ams AG AS5311_07 Datasheet HTML 10Page - ams AG AS5311_07 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ams.com/AS5311
Revision 1.12
7 - 29
AS5311
Datasheet - E le c t r i ca l C h a ra c t e r is t i c s
6.2.4 Tristate CMOS Output: DO
6.3 Magnetic Input Specification
Two-pole cylindrical diametrically magnetized source:
Table 7. Tristate CMOS Output
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
High level output voltage
VDD5V -0.5
V
VOL
Low level output voltage
VSS+0.4
V
IO
Output current
VDD5V: 4.5V
4
mA
VDD5V: 3V
2
Table 8. Magnetic Input Specification
Symbol
Parameter
Note
Min
Typ
Max
Units
Lp
Pole length
Recommended magnet: plastic or rubber
bonded ferrite or NdFeB
1mm
tmag
Pole pair length
2
mm
Bpk
Magnetic input field amplitude
Required vertical component of the
magnetic field strength on the die’s surface
10
40
mT
Boff
Magnetic offset
Constant magnetic stray field
± 5
mT
Btc
Magnetic field temperature drift
Recommended magnet: plastic or rubber
bonded ferrite or NdFeB
0.2
%/K
Magnetic input field variation
Including offset gradient
±2
%
Vabs
Linear travelling speed
Incremental output: 1024 steps / polepair
including interpolation
1
1. 1) For absolute outputs, a practical speed limit is 2345 mm/s. At higher speeds, input signal cancellation will occur and the detected field
decreases due to the internal front-end. Significant signal change is indicated by the status bits.
2) With increasing speed, the distance between two samples increases. The travelling distance between two subsequent samples can
be calculated as:
where:
sampling_distance = travelling distance between samples (in mm)
v = travelling speed (in mm/sec)
fs = sampling rate in Hz (see Table 9)
650
mm/
sec
Disp
Displacement
Maximum shift between defined Hall sensor
center and magnet centerline; depends on
magnet geometries
0.5
mm
ZDist
Vertical gap
Package to magnet surface;
depends on magnet strength
0.3
mm
Recommended magnet material and
temperature drift
Plastic or rubber bonded Ferrite
-0.19
%/K
Plastic or rubber bonded Neodymium
(NdFeB)
-0.12
sampling
dist
–
v
fs
----
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com