Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 20 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 20 Page - ams AG

Back Button AS5311_07 Datasheet HTML 16Page - ams AG AS5311_07 Datasheet HTML 17Page - ams AG AS5311_07 Datasheet HTML 18Page - ams AG AS5311_07 Datasheet HTML 19Page - ams AG AS5311_07 Datasheet HTML 20Page - ams AG AS5311_07 Datasheet HTML 21Page - ams AG AS5311_07 Datasheet HTML 22Page - ams AG AS5311_07 Datasheet HTML 23Page - ams AG AS5311_07 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
www.ams.com/AS5311
Revision 1.12
20 - 29
AS5311
Datasheet - A pp l ic a t io n I n f or m a t i on
8.3 Mounting the Magnet
8.3.1 Vertical Distance
As a rule of thumb, the gap between chip and magnet should be ½ of the pole length, that is Z=0.5mm for the 1.0mm pole length of the AS5311
magnets. However, the gap also depends on the strength of the magnet. Typical gaps for AS5311 magnets range from 0.3 to 0.6mm (see
Electrical System Specifications on page 8).
The AS5311 automatically adjusts for fluctuating magnet strength by using an automatic gain control (AGC). The vertical distance should be set
such that the AS5311 is in the “green” range. See Z-axis Range Indication (“Red/Yellow/Green” Indicator) on page 14 for more details.
8.3.2 Alignment of Multi-pole Magnet and IC
When aligning the magnet strip or ring to the AS5311, the centerline of the magnet strip should be placed exactly over the Hall array. A lateral
displacement in Y-direction (across the width of the magnet) is acceptable as long as it is within the active area of the magnet. See Figure 14 for
the position of the Hall array relative to Pin #1.
Note:
The active area in width is the area in which the magnetic field strength across the width of the magnet is constant with reference to the
centerline of the magnet (see Figure 13).
8.3.3 Lateral Stroke of Multi-pole Strip Magnets
The lateral movement range (stroke) is limited by the area at which all Hall sensors of the IC are covered by the magnet in either direction. The
Hall array on the AS5311 has a length of 2.0mm, hence the total stroke is,
maximum lateral Stroke = Length of active area – length of Hall array
(EQ 2)
Note:
Active area in length is defined as the area containing poles with the specified 1.0mm pole length. Shorter poles at either edge of the
magnet must be excluded from the active area (see Figure 13).
Figure 13. Active Area of Strip Magnet
N
strip length
2mm
S
N
S
N
S
N
S
N
S
Active area ( length )
Active Area
recommended
scanning path
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com