Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 19 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 19 Page - ams AG

Back Button AS5311_07 Datasheet HTML 15Page - ams AG AS5311_07 Datasheet HTML 16Page - ams AG AS5311_07 Datasheet HTML 17Page - ams AG AS5311_07 Datasheet HTML 18Page - ams AG AS5311_07 Datasheet HTML 19Page - ams AG AS5311_07 Datasheet HTML 20Page - ams AG AS5311_07 Datasheet HTML 21Page - ams AG AS5311_07 Datasheet HTML 22Page - ams AG AS5311_07 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
www.ams.com/AS5311
Revision 1.12
19 - 29
AS5311
Datasheet - A pp l ic a t io n I n f or m a t i on
8.1 Magnetization
The AS5311 accepts magnetic multi-pole strip or ring magnets with a pole length of 1.0mm. Recommended magnet materials include plastic or
rubber bonded ferrite or Neodymium magnets.
It is not recommended to use the AS5311 with other pole lengths as this will create additional non-linearities.
Figure 12. Additional Error from Pole Length Mismatch
Figure 12 shows the error caused by a mismatch of pole length. Note that this error is an additional error on top of the chip-internal INL and DNL
errors (see Electrical System Specifications on page 8). For example, when using a multi-pole magnet with 1.2mm pole length instead of 1.0mm,
the AS5311 will provide 1024 incremental steps or 4096 absolute positions over 2.4mm, but with an additional linearity error of up to 50µm.
The curvature of ring magnets may cause linearity errors as well due to the fact that the Hall array on the chip is a straight line while the poles on
the multi-pole ring are curved. These errors decrease with increasing ring diameter. It is therefore recommended to keep the ring diameter
measured at the location of the Hall array at 20mm or higher.
8.2 Position of the Index Pulse
An index pulse is generated when the North and South poles are placed over the Hall array as shown in Figure 14.
The incremental output count increases when the magnet is moving to the left, facing the chip with pin#1 at the lower left corner (see Figure 14 -
top drawing). At the same time, the absolute position value increases. Likewise, the position value decreases when the magnet is moved in the
opposite direction.
AS5311 Systematic Linearity Error Caused by Pole
Length Deviation
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
750
800
850
900
950
1000 1050 1100 1150 1200 1250
Pole Length [µm]
Error [µm]
Error [µm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com