Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 24 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 24 Page - ams AG

Back Button AS5311_07 Datasheet HTML 20Page - ams AG AS5311_07 Datasheet HTML 21Page - ams AG AS5311_07 Datasheet HTML 22Page - ams AG AS5311_07 Datasheet HTML 23Page - ams AG AS5311_07 Datasheet HTML 24Page - ams AG AS5311_07 Datasheet HTML 25Page - ams AG AS5311_07 Datasheet HTML 26Page - ams AG AS5311_07 Datasheet HTML 27Page - ams AG AS5311_07 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
www.ams.com/AS5311
Revision 1.12
24 - 29
AS5311
Datasheet - A pp l ic a t io n I n f or m a t i on
The number of incremental steps per revolution can be calculated as:
(EQ 3)
(EQ 4)
Note:
The circumference (d*π) must be a multiple of one polepair = 2mm, hence the diameter of the magnet ring may need to be adjusted
accordingly:
(EQ 5)
The maximum rotational speed can be calculated as:
(EQ 6)
Where:
nbr_polepairs is the number of pole pairs at the magnet ring.
d is the diameter of the ring in mm; the diameter is taken at the locus of the Hall elements underneath the magnet.
max_rot_speed is the maximum rotational speed in revolutions per minute rpm.
max_lin_speed is the maximum linear speed in mm/sec (=650 mm/s for AS5311).
Note:
Further examples are shown in the “Magnet Selection Guide”, available for download from the
ams website.
polepairs
nbr
steps
l
incrementa
_
*
1024
_
=
2
*
*
1024
_
π
d
steps
l
incrementa
=
π
mm
polepairs
nbr
d
2
*
_
=
π
π
*
39000
*
60
*
_
max_
_
max_
d
d
speed
lin
speed
rot
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com