Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 23 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 23 Page - ams AG

Back Button AS5311_07 Datasheet HTML 19Page - ams AG AS5311_07 Datasheet HTML 20Page - ams AG AS5311_07 Datasheet HTML 21Page - ams AG AS5311_07 Datasheet HTML 22Page - ams AG AS5311_07 Datasheet HTML 23Page - ams AG AS5311_07 Datasheet HTML 24Page - ams AG AS5311_07 Datasheet HTML 25Page - ams AG AS5311_07 Datasheet HTML 26Page - ams AG AS5311_07 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
www.ams.com/AS5311
Revision 1.12
23 - 29
AS5311
Datasheet - A pp l ic a t io n I n f or m a t i on
8.5 AS5311 Off-axis Rotary Applications
The AS5311 can also be used as an off-axis rotary encoder, as shown in Figure 11. In such applications, the multi-pole magnetic strip is replaced
by a multi-pole magnetic ring. The ring can have radial or axial magnetization.
Figure 16. Angular Resolution and Maximum Speed vs. Ring Diameter
In off-axis rotary applications, very high angular resolutions are possible with the AS5311.
The number of steps per revolution increases linearly with ring diameter.
Due to the increasing number of pulses per revolution, the maximum speed decreases with increasing ring diameter.
Example: A magnetic ring with 41.7mm diameter has a resolution of 65536 steps per revolution (16-bit) and a maximum speed of 305 rpm.
Res [bit]
Steps per Revolution
Ring Diameter [mm]
Maximum Speed [rpm]
15
32768
20.9
609
16
65536
41.7
305
17
131072
83.4
152
AS5311 off-axis rotary resolution & speed
0
20000
40000
60000
80000
100000
120000
140000
160000
20
40
60
80
100
ring diameter [mm]
0
100
200
300
400
500
600
700
resolution
speed rpm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com