Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650B Datasheet(PDF) 16 Page - ams AG

Part # AS8650B
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650B Datasheet(HTML) 16 Page - ams AG

Back Button AS8650B Datasheet HTML 12Page - ams AG AS8650B Datasheet HTML 13Page - ams AG AS8650B Datasheet HTML 14Page - ams AG AS8650B Datasheet HTML 15Page - ams AG AS8650B Datasheet HTML 16Page - ams AG AS8650B Datasheet HTML 17Page - ams AG AS8650B Datasheet HTML 18Page - ams AG AS8650B Datasheet HTML 19Page - ams AG AS8650B Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
www.ams.com/AS8650
Revision 1.1
15 - 46
AS8650B
Datasheet - Electrical Character i s t ics
Characteristics of the SDA and SCLK Bus Lines for F/S Mode I²C Bus.
1. All values referred to VIHmin and VIlmax levels (see Table 14).
2. A fast mode I²C bus device can be used in Standard mode I²C bus system, but the requirement tSU_DAT ≥ 250ns must then be met. This
will automatically be the case if the device do not stretch the low period of the SCLK signal. If such a device does stretch the low period
of the SCLK signal, it must output the next data bit to the SDA line trmax. TSU_DAT = 1000 + 250 = 1250ns (according to standard mode
I²C bus specification) before the SCLK line released.
3. The maximum tHD;DAT has only to be met if the device does not stretch the low period (tLOW) of the SCLK signal.
4. Cb = total capacitance of one bus line in pF. If mixed with Hs-mode devices, faster fall-times according to Table 14 allowed.
5. This device internally provides a hold time of at least 300ns for the SDA signal to bridge the undefined region of the falling edge of the
SCLK.
Table 15. I²C Timing Parameters
Symbol
Parameter
Standard
Fast
Units
Min
Max
Min
Max
(see Footnote 1)
fSCLK
SCLK clock frequency
0
100
0
400
kHz
tHD_STA
Hold time (repeated) START condition.
After this period, the first clock pulse is
generated
4-
0.6
-
µs
tLOW
Low period of the SCLK clock
4.7
-
1.3
-
µ
s
tHIGH
High period of the SCLK clock
4.0
-
0.6
-
µ
s
tSU_STA
Set-up time for a repeated START
condition
4.7
-
0.6
-
µ
s
tSU_DAT
Data set-up time
250
-
100
(see Footnote 2)
-ns
tHD_DAT
Data hold-time
0
(see Footnote 5)
3450
(see Footnote 3)
0
(see Footnote 5)
900
(see Footnote 3)
ns
tr
Rise time of SDA and SCLK signals
-
1000
20+
0.1Cb
(see Footnote 4)
300
ns
tf
Fall time of SDA and SCLK signals
-
300
20+
0.1Cb
(see Footnote 4)
300
ns
tSU_STO
Set-up time for STOP condition
4.0
-
0.6
-
µ
s
tBUF
Bus free time between a STOP and
START condition
4.7
-
1.3
-
µ
s
Cb
Capacitive load for each bus line
-
400
-
400
pF
VnL
Noise margin at the Low level for each
connected device (including hysteresis)
0.1V*LDO1
-
0.1V*LDO1
-
VnH
Noise margin at the High level for each
connected device (including hysteresis)
0.2V*LDO1
-
0.2V*LDO1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com