Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650B Datasheet(PDF) 36 Page - ams AG

Part # AS8650B
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650B Datasheet(HTML) 36 Page - ams AG

Back Button AS8650B Datasheet HTML 32Page - ams AG AS8650B Datasheet HTML 33Page - ams AG AS8650B Datasheet HTML 34Page - ams AG AS8650B Datasheet HTML 35Page - ams AG AS8650B Datasheet HTML 36Page - ams AG AS8650B Datasheet HTML 37Page - ams AG AS8650B Datasheet HTML 38Page - ams AG AS8650B Datasheet HTML 39Page - ams AG AS8650B Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
www.ams.com/AS8650
Revision 1.1
35 - 46
AS8650B
Datasheet - Application In form atio n
8.2 Inter-Integrated Circuit (I²C) Interface
I²C is a bidirectional 2 line bus interface with a serial data line (SDA) and a serial clock line (SCLK) for inter IC control. This interface is only slave
interface and only microcontroller can start and stop the I²C operation. The overview of I²C protocol is shown in Figure 22. A ‘high’ to ‘low’
transition on SDA line while SCLK is ‘high’ is the START (S) condition and a ‘low’ to ‘high’ transition on SDA line while SCLK is ‘high’ is the STOP
(P) condition, as shown in Figure 22. The START and STOP conditions should always be generated by the microcontroller. After the START
condition, microcontroller has to make sure that data on SDA line must be stable during the ‘high’ period of SCLK. The data should only change
when SCLK line is ‘low’. The Bus is busy after the START condition and it is free after the STOP condition. Any number of data bytes can be
transmitted between START and STOP. Each byte is followed by an acknowledgement (which is the ninth bit). The data transmitter always
receives an acknowledgement from the data receiver at end of each byte. The data transmitter releases the SDA bus at start of ‘low’ period of
8th clock pulse and data receiver acknowledges by pulling the SDA to ‘low’ during the ‘low’ period of the SCLK. The Data receiver releases the
bus at start of ‘low’ period of 9th clock pulse of the SCLK and data transmitter gets the data bus.The AS8650B does not support general call
address, START byte and high-speed mode.
Figure 22. I²C Bus Protocol
8.2.1 I²C Slave Address
The 7-bit slave address of the device is by default set to 0000000.
On request the slave address can be changed in the range from 0000000 to 1111110 through factory settings.
8.2.2 I²C Write Operation
After the START condition, microcontroller has to send, in the first byte, the 7-bit slave address and 0 into the R/W bit as shown in Figure 23. The
microcontroller has to send the address of the register to be written in the second byte. The first 3 MSB bits are reserved and remaining 5 bits are
used as address bits. The data is sent starting from MSB to LSB. The AS8650B sends acknowledgement on 9th clock pulse. In the next byte
(3rd byte) microcontroller has to send the data to be written into addressed register. If it is a single write operation, after receiving the
acknowledgment from AS8650B, microcontroller has to send START or STOP condition, as shown in Figure 23. In case of auto increment write
operation, microcontroller should not generate START or STOP condition after the third byte. If microcontroller continuously writes then address
pointer rolls back to the starting register address after reaching the last register address. Data bytes coming from the microcontroller are written
at the consecutive address locations, starting from the address sent in first data byte. After each data byte, direction of the bus line changes and
AS8650B acknowledges by pulling the SDA line ‘low’. To terminate the write operation microcontroller has to generate STOP or repeated START
condition. For details, see Figure 24.
Figure 23. I²C Write Operation
SDA
S
12
8
9
SCLK
MSB
ACK
34
56
7
12
8
9
34
56
7
R/W
7 bit Slave address
LSB
8 bit Data
12
8
9
34
56
7
S
or
P
8 bit Data
ACK
ACK
12
8
9
SCLK
MSB
SDA
34
56
7
12
8
9
34
56
7
LSB
12
8
9
34
56
7
A
AA
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
register address
data to register
S
or
P
R/W
Slave address
S
A0
A1
A2
A3
A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com