Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650B Datasheet(PDF) 25 Page - ams AG

Part # AS8650B
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650B Datasheet(HTML) 25 Page - ams AG

Back Button AS8650B Datasheet HTML 21Page - ams AG AS8650B Datasheet HTML 22Page - ams AG AS8650B Datasheet HTML 23Page - ams AG AS8650B Datasheet HTML 24Page - ams AG AS8650B Datasheet HTML 25Page - ams AG AS8650B Datasheet HTML 26Page - ams AG AS8650B Datasheet HTML 27Page - ams AG AS8650B Datasheet HTML 28Page - ams AG AS8650B Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
www.ams.com/AS8650
Revision 1.1
24 - 46
AS8650B
Datasheet - Detailed Descr i p ti on
7.12 CAN Transceiver
The AS8650B provides an advanced interface between the protocol controller and the physical bus in a Controller Area Network (CAN) node.
This is intended for automotive high-speed CAN application (up to 1 Mbit/s), providing differential transmit capability to the bus and differential
receive capability to the CAN controller. It is fully compatible to the ISO 11898-5 standard and offers excellent Electromagnetic Compatibility
(EMC) performance. The CAN is a high-speed, low complexity protocol with improved EMI and EMC performance. The CAN is a serial
communication protocol efficiently supporting the control of mechatronic nodes in a distributive automotive application. The basic blocks of the
CAN Transceiver are described below:
7.12.1 BUS Driver
This driver has the basic functionality of relaying the data from the microcontroller on to the CAN bus. The data on the CAN needs to have a
controlled slew to reduced EMI. A low side driver is used which has an inherent reverse polarity protection. It has a Short-Circuit current
limitation.
7.12.2 Normal Receiver
It relays the data from the CAN bus to the microcontroller in Normal mode.
7.12.3 Low Power Receiver
It relays the data from the CAN bus to the microcontroller in low power mode state.
7.12.4 Operating Modes
The CAN Transceiver provides the following operating modes:

NORMAL: Non low power mode

RECEIVE-ONLY: Non low power mode

STANDBY: Low power mode

SLEEP: Low power mode
Normal Mode. In this mode the Transceiver is able to send and receive data signals on the bus. RxD reflects the bus data.
Receive-Only Mode. In this mode the Transceiver has the same behavior as in Normal mode but the transmitter is disabled.
Standby Mode or Sleep Mode. In this mode the Transceiver is not able to send and receive data signals from the bus, but the wake up
detector is active. The power consumption is significantly reduced respect the non low power operation modes. The WAKE_REMOTE reflects
the remote wake up detector output; WAKE_LOCAL reflects the input signal on WAKE pin.
7.12.5 Local Wake-up Event
The WAKE pin is pulled-down to ground using the internal resistor. In all low power modes, if the voltage on the WAKE pin rises above
V_LWUTH for longer than TLW_filter, WAKE_LOCAL rises up. For valid wake-up, the WAKE pin needs to be above V_LWUTH as shown in
Figure 9. Valid WAKE is detected only at the positive edge of the WAKE pin.
Table 18. Operating Modes
State
TxD
Transmitter
Normal
Receiver
Low Power Receiver
Bust State
NORMAL
L
Enabled
Enabled
Disabled
Dominant
H
Enabled
Enabled
Disabled
Recessive
REC ONLY
X
Disabled
Enabled
Disabled
(CANH, CANL are not driven)
STANDBY
X
Disabled
Disabled
Enabled
(CANH, CANL are not driven)
SLEEP
X
Disabled
Disabled
Enabled
(CANH, CANL are not driven)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com