Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650B Datasheet(PDF) 41 Page - ams AG

Part # AS8650B
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650B Datasheet(HTML) 41 Page - ams AG

Back Button AS8650B Datasheet HTML 37Page - ams AG AS8650B Datasheet HTML 38Page - ams AG AS8650B Datasheet HTML 39Page - ams AG AS8650B Datasheet HTML 40Page - ams AG AS8650B Datasheet HTML 41Page - ams AG AS8650B Datasheet HTML 42Page - ams AG AS8650B Datasheet HTML 43Page - ams AG AS8650B Datasheet HTML 44Page - ams AG AS8650B Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
www.ams.com/AS8650
Revision 1.1
40 - 46
AS8650B
Datasheet - Application In form atio n
0x08
Interrupt Source
Register 1
0000_0000
POR_VSUP
D[7]
R/W
0
No Interrupt
1
Interrupt due to BUS clamped to dominant
D[6]
0
No Interrupt
1
Interrupt due to short TxD & RxD pins
D[5]
Reserved
D[4]
0
No Interrupt
1
Interrupt due to TxD pin clamped to Dominant
D[3]
0
No Interrupt
1
Interrupt due to CANL pin shorted to VCC
D[2]
0
No Interrupt
1
Interrupt due to CANL pin shorted to GND
D[1]
0
No Interrupt
1
Interrupt due to CANH pin shorted to GND
D[0]
0
No Interrupt
1
Interrupt due to CANH pin shorted to VCC
0x09
Interrupt Source
Register 2
0000_0000
POR_VSUP
D[7:4]
Reserved
D[3]
0
No Interrupt
1
Interrupt due to junction temperature falling back
below Tjrecv
D[2]
0
No Interrupt
1
Interrupt due to junction temperature exceeding
Tjwarn
D[1]
0
No Interrupt
1
Interrupt due to Local Wake up event on WAKE pin
D[0]
0
No Interrupt
1
Interrupt due to Wake up by BUS message
(remote wake)
Table 21. Configuration Registers
Addr
Register Name
POR Value
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com