Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650B Datasheet(PDF) 44 Page - ams AG

Part # AS8650B
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650B Datasheet(HTML) 44 Page - ams AG

Back Button AS8650B Datasheet HTML 39Page - ams AG AS8650B Datasheet HTML 40Page - ams AG AS8650B Datasheet HTML 41Page - ams AG AS8650B Datasheet HTML 42Page - ams AG AS8650B Datasheet HTML 43Page - ams AG AS8650B Datasheet HTML 44Page - ams AG AS8650B Datasheet HTML 45Page - ams AG AS8650B Datasheet HTML 46Page - ams AG AS8650B Datasheet HTML 47Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
www.ams.com/AS8650
Revision 1.1
43 - 46
AS8650B
Datasheet - Pack a ge Drawin gs and Ma r k ings
9 Package Drawings and Markings
The device is available in a 36-pin QFN (6x6x0.9) package.
Figure 28. Drawings and Dimensions
Marking Description:
YY
WW
X
ZZ
@
Last two digits of the current year
Manufacturing Week
Assembly plant identifier
Assembly traceability code
Sublot identifier
Symbol
Min
Nom
Max
A
0.80
0.90
1.00
A1
0
0.02
0.05
A3
-
0.20 REF
-
L
0.35
0.40
0.45
L1
0
-
0.15
b
0.18
0.25
0.30
D
6.00 BSC
E
6.00 BSC
e
0.50 BSC
D2
4.60
4.70
4.80
E2
4.60
4.70
4.80
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
N36
Notes:
1. Dimensions and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters, angle is in degrees.
3. Dimension b applies to metallized terminal and is measured between 0.25mm
and 0.30mm from terminal tip. Dimension L1 represents terminal full back from package edge up to 0.15mm is acceptable.
4. Coplanarity applies to the exposed heat slug as well as the terminal.
5. Radius on terminal is optional.
6. N is the total number of terminals.
AS8650B
YYWWXZZ
18249-03
@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com