Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB545 Datasheet(PDF) 24 Page - ITT Industries

Part # ASTMB545
Description  DETAIL SPECIFICATION
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB545 Datasheet(HTML) 24 Page - ITT Industries

Back Button ASTMB545 Datasheet HTML 20Page - ITT Industries ASTMB545 Datasheet HTML 21Page - ITT Industries ASTMB545 Datasheet HTML 22Page - ITT Industries ASTMB545 Datasheet HTML 23Page - ITT Industries ASTMB545 Datasheet HTML 24Page - ITT Industries ASTMB545 Datasheet HTML 25Page - ITT Industries ASTMB545 Datasheet HTML 26Page - ITT Industries ASTMB545 Datasheet HTML 27Page - ITT Industries ASTMB545 Datasheet HTML 28Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
24
4.5.24 Solderability (see 3.5.23). Solderability, nonremovable contact terminations except wrappost, IDC, and
crimp, shall be tested in accordance with method 208 of MIL-STD-202 (type R or RMA flux may be used). Solder cup
terminations shall be tested in the following manner:
a.
Test samples shall not be cleaned prior to soldering.
b.
Test sample connectors shall have the solder cups dipped in, or brushed with, flux type RMA just prior to the
application of solder.
c.
A pencil type soldering iron shall be used, with temperature regulated to 360°C ±10°C to heat the test solder
cups.
d.
After heating the test solder cups to a solder melt temperature, 63/37 tin-lead type solder shall be applied to
fill the solder cup to a capacity which will result in solder wetting the entire cup surface and forming a solder
fill meniscus across the open portion of the solder cup.
e.
The finished solder fill shall be smooth and slightly concave with clear wetting and adhesion to all internal
surfaces of the solder cup. Inspection shall be aided by a 10X optical aid.
f.
Twenty percent but not less than seven contacts of test specimen shall be tested.
4.5.25 Contact pin strength (nonremovable contacts) (see 3.5.22). Contacts shall be mounted in a suitable fixture
and a gradual load applied to the pin as shown on figure 4. The rate of travel of the testing machine shall not exceed
1 inch per minute, and the load shall be maintained for one minute +15, -0 seconds. The permanent set shall be the
difference between the initial and final position of the load application after load removal.
0.8L
MIN
PERMANENT
SET
L
Mating
end
size
moment
(lb-in.)
(unless otherwise
specified see
3.1)
20
.53
22
.22
23
.16
24
.13
FIGURE 4. Contact pin strength.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com