Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB545 Datasheet(PDF) 13 Page - ITT Industries

Part # ASTMB545
Description  DETAIL SPECIFICATION
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB545 Datasheet(HTML) 13 Page - ITT Industries

Back Button ASTMB545 Datasheet HTML 9Page - ITT Industries ASTMB545 Datasheet HTML 10Page - ITT Industries ASTMB545 Datasheet HTML 11Page - ITT Industries ASTMB545 Datasheet HTML 12Page - ITT Industries ASTMB545 Datasheet HTML 13Page - ITT Industries ASTMB545 Datasheet HTML 14Page - ITT Industries ASTMB545 Datasheet HTML 15Page - ITT Industries ASTMB545 Datasheet HTML 16Page - ITT Industries ASTMB545 Datasheet HTML 17Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
13
TABLE VII. Contact engagement and separation forces (ounces).
Initial
Solder
contact
size
Maximum individual
engagement force
using maximum
diameter test pin
Maximum average
engagement force
using maximum
diameter test pin
Minimum separation
force using
minimum diameter
test pin
22D
12.0
9.5
0.7
20
18.0
12.0
0.7
IDC
18.0
12.0
0.7
After conditioning
22D
14
11.4
0.6
20
22
14
0.6
IDC
22
14
0.6
3.5.11 Temperature cycling (classes G, H, and N). There shall be no damage detrimental to operation of the
connector after being subjected to the temperature extremes in table VIII
as specified in 4.5.13.
TABLE VIII. Temperature extremes.
Extremes
°C
Low
-55 +0
-3
High
+125 +3
-0
3.5.11.1 Temperature cycling (classes D, K, and M). There shall be no damage detrimental to connector operation
after being subjected to testing
specified in 4.5.13.1. Following the test, the connectors shall withstand the sea level
dielectric withstanding voltage specified in table III.
3.5.12 Air leakage (classes H and K connectors). When tested as specified in 4.5.14, the air leakage rate of
classes H and K connectors shall be no greater than one micron cubic foot per hour at a differential of one atmosphere
(1.04 x 10
-5 atmospheres cm3/s). The specified leakage rate shall apply only through the connector and not through
the flange to the mounting surface joint.
3.5.13 Humidity. Connectors shall meet the applicable dielectric withstanding voltage and insulation resistance
requirements (see 3.5.6 and 3.5.8) when tested as specified in 4.5.15.
3.5.14 Vibration. Mated connectors shall not be damaged and there shall be no loosening of parts due to vibration.
Counterpart connectors shall be retained in engagement and there shall be no interruption of electrical continuity or
current flow longer than 1 microsecond when tested as specified in 4.5.16.
3.5.15 Shock. Mated connectors shall not be damaged and there shall be no loosening of parts, nor shall there be
an interruption of electrical continuity or current flow longer than 1 microsecond during the exposure to mechanical
shock, as specified in 4.5.17.
3.5.16 Durability. Counterpart connectors shall show no mechanical or electrical defects detrimental to the
operation of the connector, as specified in 3.5.4 and 3.5.10, after 500 cycles of mating and unmating as specified in
4.5.18.
3.5.17 Salt spray (corrosion). Mated connectors shall show no exposure of base metal due to corrosion which will
affect performance as specified in 3.5.4, 3.5.5, 3.5.8, and 3.5.9 when tested as specified in 4.5.19.
3.5.18 Oversize pin exclusion. Socket contacts shall exclude the entry of the test pin specified in table IX when
tested as specified in 4.5.20. After testing, the contacts shall meet the contact resistance requirements
specified in
3.5.9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com