Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB545 Datasheet(PDF) 9 Page - ITT Industries

Part # ASTMB545
Description  DETAIL SPECIFICATION
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB545 Datasheet(HTML) 9 Page - ITT Industries

Back Button ASTMB545 Datasheet HTML 5Page - ITT Industries ASTMB545 Datasheet HTML 6Page - ITT Industries ASTMB545 Datasheet HTML 7Page - ITT Industries ASTMB545 Datasheet HTML 8Page - ITT Industries ASTMB545 Datasheet HTML 9Page - ITT Industries ASTMB545 Datasheet HTML 10Page - ITT Industries ASTMB545 Datasheet HTML 11Page - ITT Industries ASTMB545 Datasheet HTML 12Page - ITT Industries ASTMB545 Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
9
NOTES:
1. Overall finish: Measure gold thickness in zone A or B, as applicable.
2. Localized finish: Apply gold to the inside and outside diameter of the contact in area X or Y. Measure gold
thickness on outside diameter of the contact at point B or C, as applicable.
3. On socket contacts with integral pressure members, area X (zone of tangency) extends from the tip of the
contact to .020 inch beyond the point of tangency, (point C) on the inside and outside diameter of the contact.
4. Dimensions are in inches.
5. Metric equivalents are given for information only.
FIGURE 1. Gold thickness areas – Continued.
3.4 Interface and physical dimensions. Connectors shall be of the physical dimensions specified (see 3.1).
Connectors shall be so designed that neither the pins nor the sockets will be damaged during normal mating of
counterpart connectors.
3.4.1 Contact interface design. Contacts interface design shall be as specified on individual standards or military
specification sheets (see 3.1).
3.4.1.1 Solder contacts. Solder contacts shall be nonremovable from the insert, shall have eyelet or solder cup
terminals as specified (see 3.1) and shall be in accordance with MIL-DTL-24308, Appendix B. Solder cups shall be
designed such that during soldering no components will be damaged and no liquid solder shall escape.
3.4.1.2 Crimp contacts. Crimp contacts shall be as follows:
Connector density
Contact size
Contact Part or Identifying Number (PIN)
High
22D socket
M39029/57-354
High
22D pin
M39029/58-360
Standard
20 pin
M39029/64-369
Standard
20 socket
M39029/63-368
3.4.1.2.1 Contact insertion and removal tools. Crimp removable connectors shall be designed for contact insertion
and removal with the applicable military tools as follow:
Contact
size
Tool PIN
22D
M81969/14-01 with plastic tips
M81969/1-04 with metal tips
20
M81969/39-01 with plastic tips
M81969/1-02 with metal tips
3.4.1.3 Classes H and K contacts. Classes H and K contacts are to be permanently fused in place and shall have
eyelet or solder cup terminals, as specified (see 3.1), and shall be in accordance with Appendix B.
3.4.1.4 Insulation displacement contacts. Insulation displacement contacts shall be nonremovable from the insert
and shall be as specified (see 3.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com