Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB545 Datasheet(PDF) 28 Page - ITT Industries

Part # ASTMB545
Description  DETAIL SPECIFICATION
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB545 Datasheet(HTML) 28 Page - ITT Industries

Back Button ASTMB545 Datasheet HTML 24Page - ITT Industries ASTMB545 Datasheet HTML 25Page - ITT Industries ASTMB545 Datasheet HTML 26Page - ITT Industries ASTMB545 Datasheet HTML 27Page - ITT Industries ASTMB545 Datasheet HTML 28Page - ITT Industries ASTMB545 Datasheet HTML 29Page - ITT Industries ASTMB545 Datasheet HTML 30Page - ITT Industries ASTMB545 Datasheet HTML 31Page - ITT Industries ASTMB545 Datasheet HTML 32Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
28
6.8 Subject term (key word) listing.
Contacts
Crimp
Current
Finish
Heat
Humidity
Inspection
Insulation displacement
Magnetic permeability
Materials
Mating force
Military standards
Plug
Pin
Printed wiring board
Qualification
Sampling
Socket
Solder
Solderability
Temperature
Voltage
6.6. Environmentally preferable material. Environmentally preferable materials should be used to the maximum
extent possible to meet the requirements of this specification. As of the dating of this document, the U.S.
Environmental Protection Agency (EPA) is focusing efforts on reducing 31 priority chemicals. The list of chemicals and
additional information is available on their website at http://www.epa.gov/osw/hazard/wastemin/priority.htm. Included in
the list of 31 priority chemicals are cadmium, lead, and mercury. Use of these materials should be minimized or
eliminated unless needed to meet the requirements specified herein (see section 3).
6.7 Amendment notations. The margins of this specification are marked with vertical lines to indicate modifications
generated by this amendment. This was done as a convenience only and the Government assumes no liability
whatsoever for any inaccuracies in these notations. Bidders and contractors are cautioned to evaluate the
requirements of this document based on the entire content irrespective of the marginal notations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com