Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB545 Datasheet(PDF) 12 Page - ITT Industries

Part # ASTMB545
Description  DETAIL SPECIFICATION
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB545 Datasheet(HTML) 12 Page - ITT Industries

Back Button ASTMB545 Datasheet HTML 8Page - ITT Industries ASTMB545 Datasheet HTML 9Page - ITT Industries ASTMB545 Datasheet HTML 10Page - ITT Industries ASTMB545 Datasheet HTML 11Page - ITT Industries ASTMB545 Datasheet HTML 12Page - ITT Industries ASTMB545 Datasheet HTML 13Page - ITT Industries ASTMB545 Datasheet HTML 14Page - ITT Industries ASTMB545 Datasheet HTML 15Page - ITT Industries ASTMB545 Datasheet HTML 16Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
12
TABLE IV. Type III test voltage (Volts rms, 60 Hz). 1/
Altitude
Humidity
conditioned
(see 4.5.15)
All other
conditions
Class G
Sea level
70,000 feet
500
---
500
200
1/ These are not working voltages.
3.5.7 Cable retention (flat cable only). When connectors are tested as specified in 4.5.9, they shall withstand the
minimum applied force without mechanical damage.
3.5.8 Insulation resistance at ambient temperature. The insulation resistance of unmated connectors shall conform
to the applicable requirements in table V when tested as specified in 4.5.10.
TABLE V. Insulation resistance (megohms minimum).
Humidity conditioned (see 4.5.15)
After step 6 of test
procedure EIA-364-31
After 24 hours of conditioning
test procedure EIA-364-31
All other
conditions
Megohms (min)
1
Megohms (min)
1,000
Megohms (min)
5,000
3.5.9 Contact resistance. Contact resistance for mated pairs of pin and socket contacts shall be as specified in
table VI when tested as specified in 4.5.11.
TABLE VI. Contact resistance (millivolts maximum).
Contacts
Contact
size or
type
AWG
wire
size
Test
current
(amperes)
Classes
G, D, M, N
H, K
After
salt spray
All others
conditions
After
salt spray
All others
conditions
20
24
3.0
55
45
---
---
20
7.5
65
55
---
---
24
2.0
---
---
ind 165
ind 165
20
5.0
---
---
avg 90
avg 70
IDC
28
1.0
75
65
---
---
PWB
24
3.0
55
45
---
---
3.5.10 Contact engagement and separation forces. Socket contacts shall conform to the forces specified in table
VII when tested
as specified in 4.5.12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com