Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2966 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2966
Description  Dual 150mA Ultra Low-Dropout Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2966 Datasheet(HTML) 5 Page - Texas Instruments

  LP2966 Datasheet HTML 1Page - Texas Instruments LP2966 Datasheet HTML 2Page - Texas Instruments LP2966 Datasheet HTML 3Page - Texas Instruments LP2966 Datasheet HTML 4Page - Texas Instruments LP2966 Datasheet HTML 5Page - Texas Instruments LP2966 Datasheet HTML 6Page - Texas Instruments LP2966 Datasheet HTML 7Page - Texas Instruments LP2966 Datasheet HTML 8Page - Texas Instruments LP2966 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LP2966
www.ti.com
SNVS028E – APRIL 2000 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS (continued)
Limits in standard typeface are for Tj = 25°C, and limits in boldface type apply over the full operating junction temperature
range. Unless otherwise specified, VIN = VO(NOM) + 1V
(1), C
OUT = 1µF, IOUT = 1mA, CIN = 1µF, VSD1 = VSD2 = VIN.
LP2966IMM(3)
Symbol
Parameter
Conditions
Typ(2)
Unit
Min
Max
Over Temperature Protection
Tsh(t)
Shutdown Threshold
165
°C
Tsh(h)
Thermal Shutdown
25
°C
Hysteresis
Shutdown Input
VSDT
Shutdown Threshold(12)
Output = Low
0
0.1
V
Output = High
VIN
VIN - 0.1
TdOFF
Turn-off Delay(13)
IL = 100 mA
20
µsec
TdON
Turn-on Delay(13)
IL = 100 mA
25
µsec
ISD
SD Input Current
VSD = VIN
1
nA
VSD = 0 V
1
Error Flag Comparators
VT
Threshold (output goes
See(14)
10
5
16
%
high to low)
VTH
Threshold Hysteresis
See(14)
5
2
8
%
VERR(Sat)
Error Flag Saturation
IFsink = 100µA
0.015
0.1
V
IEF(leak)
Error Flag Pin Leakage
1
nA
Current
I(EFsink)
Error Flag Pin Sink
1
mA
Current
AC Parameters
PSRR
Ripple Rejection
VIN = VOUT + 1V, f = 120Hz,
60
VOUT = 3.3V
dB
VIN = VOUT + 0.3V, f = 120Hz,
40
VOUT = 3.3V
ρn(1/f)
Output Noise Density
f =120Hz
1
µV/
√Hz
en
Output Noise Voltage
BW = 10Hz
− 100kHz,
150
(rms)
COUT = 10µF
µV(rms)
BW = 300Hz
− 300kHz,
100
COUT = 10µF
(12) VSDT is the shutdown pin voltage threshold below which the output is disabled.
(13) Turn-on delay is the time interval between the low to high transition on the shutdown pin to the output voltage settling to within 5% of the
nominal value. Turn-off delay is the time interval between the high to low transition on the shutdown pin to the output voltage dropping
below 50% of the nominal value. The external load impedance influences the output voltage decay in shutdown mode.
(14) Error Flag threshold and hysteresis are specified as the percentage below the regulated output voltage.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2966



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com