Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2966 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2966
Description  Dual 150mA Ultra Low-Dropout Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2966 Datasheet(HTML) 1 Page - Texas Instruments

  LP2966 Datasheet HTML 1Page - Texas Instruments LP2966 Datasheet HTML 2Page - Texas Instruments LP2966 Datasheet HTML 3Page - Texas Instruments LP2966 Datasheet HTML 4Page - Texas Instruments LP2966 Datasheet HTML 5Page - Texas Instruments LP2966 Datasheet HTML 6Page - Texas Instruments LP2966 Datasheet HTML 7Page - Texas Instruments LP2966 Datasheet HTML 8Page - Texas Instruments LP2966 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LP2966
www.ti.com
SNVS028E – APRIL 2000 – REVISED APRIL 2013
Dual 150mA Ultra Low-Dropout Regulator
Check for Samples: LP2966
1
FEATURES
KEY SPECIFICATIONS
2
Ultra Low Drop-Out Voltage
Dropout Voltage: Varies Linearly with Load
Current. Typically 0.9 mV at 1mA Load Current
Low Ground Pin Current
and 135mV at 150mA Load Current
<1µA Quiescent Current in Shutdown Mode
Ground Pin Current: Typically 300µA at 1mA
Independent Shutdown of Each LDO Regulator
Load Current and 340µA at 100mA Load
Output Voltage Accuracy ±1%
Current (with One Shutdown Pin Pulled Low)
Ensured 150mA Output Current at Each
Shutdown Mode: Less than 1µA Quiescent
Output
Current when Both Shutdown Pins are Pulled
Low Output Noise
Low
Error Flags Indicate Status of Each Output
Error Flag: Open Drain Output, Goes Low
Available in VSSOP-8 Surface Mount Package
when the Corresponding Output Drops 10%
Below Nominal
Low Output Capacitor Requirements (1µF)
Precision Output Voltage: Multiple Output
Operates with Low ESR Ceramic Capacitors in
Voltage Options Available Ranging from 1.8V
Most Applications
to 5.0V with an Ensured Accuracy of ±1% at
Over Temperature/Over Current Protection
Room Temperature
-40°C to +125°C Junction Temperature Range
DESCRIPTION
APPLICATIONS
The LP2966 dual ultra low-dropout (LDO) regulator
Cellular and Wireless Applications
operates from a +2.70V to +7.0V input supply. Each
output delivers 150mA over full temperature range.
Palmtop/Laptop Computer
The IC operates with extremely low drop-out voltage
GPS Systems
and quiescent current, which makes it very suitable
Flat Panel Displays
for battery powered and portable applications. Each
LDO in the LP2966 has independent shutdown
Post Regulators
capability.
The
LP2966
provides
low
noise
USB Applications
performance with low ground pin current in an
Hand Held Equipment and Multimeters
extremely small VSSOP-8 package (refer to package
dimensions and CONNECTION DIAGRAM for more
Wireless Data Terminals
information on VSSOP-8 package). A wide range of
Other Battery Powered Applications
preset voltage options are available for each output.
In addition, many more are available upon request
with minimum orders. In all, 256 voltage combinations
are possible.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2966

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966 TI-LP2966 Datasheet
1Mb / 22P
Dual 150mA Ultra Low-Dropout Regulator
LP2966 TI2-LP2966 Datasheet
972Kb / 23P
Dual 150mA Ultra Low-Dropout Regulator
REVISED APRIL 2013
logo
National Semiconductor ...
LP2966EP NSC-LP2966EP Datasheet
516Kb / 15P
Enhanced Plastic Dual 150mA Ultra Low-Dropout Regulator
LP2966IMM-1818 NSC-LP2966IMM-1818 Datasheet
456Kb / 15P
Dual 150mA Ultra Low-Dropout Regulator
More results

Similar Description - LP2966

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
Dual 150mA Ultra Low-Dropout Regulator
logo
Semtech Corporation
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_07 Datasheet
404Kb / 10P
150mA Ultra Low Dropout Voltage Regulator
logo
National Semiconductor ...
LP2966EP NSC-LP2966EP Datasheet
516Kb / 15P
Enhanced Plastic Dual 150mA Ultra Low-Dropout Regulator
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_11 Datasheet
191Kb / 7P
150mA Ultra Low Dropout Voltage Regulator
logo
Texas Instruments
LP2966 TI-LP2966_15 Datasheet
1Mb / 22P
Dual 150mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com