Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2966 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP2966
Description  Dual 150mA Ultra Low-Dropout Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2966 Datasheet(HTML) 3 Page - Texas Instruments

  LP2966 Datasheet HTML 1Page - Texas Instruments LP2966 Datasheet HTML 2Page - Texas Instruments LP2966 Datasheet HTML 3Page - Texas Instruments LP2966 Datasheet HTML 4Page - Texas Instruments LP2966 Datasheet HTML 5Page - Texas Instruments LP2966 Datasheet HTML 6Page - Texas Instruments LP2966 Datasheet HTML 7Page - Texas Instruments LP2966 Datasheet HTML 8Page - Texas Instruments LP2966 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LP2966
www.ti.com
SNVS028E – APRIL 2000 – REVISED APRIL 2013
PIN DESCRIPTIONS
Pin
Name
Function
1
VIN
Input Supply pin
2
SD1
Active low shutdown pin for output 1
3
SD2
Active low shutdown pin for output 2
4
GND
Ground
5
ERROR2
Error flag for output 2 - Normally high impedance, should be connected to ground if not used.
6
ERROR1
Error flag for output 1 - Normally high impedance, should be connected to ground if not used.
7
VOUT2
Output 2
8
VOUT1
Output 1
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Storage Temperature Range
−65 to +150°C
Lead Temp. (Soldering, 5 sec.)
260°C
Power Dissipation(3)
Internally Limited
ESD Rating(4)
2kV
Input Supply Voltage (Survival)
−0.3V to 7.5V
Shutdown Input Voltage (Survival)
−0.3V to (Vin + 0.3V)
Maximum Voltage for ERROR Pins
10V
IOUT (Survival)
Short Circuit Protected
Output Voltage (Survival)(5)(6)
−0.3V to (Vin + 0.3V)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see ELECTRICAL CHARACTERISTICS. The ensured specifications apply only for the test conditions listed. Some
performance characteristics may degrade when the device is not operated under the listed test conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
At elevated temperatures, devices must be derated based on package thermal resistance. The device in the surface-mount package
must be derated at
θjA = 235°C/W, junction-to-ambient. Please refer to APPLICATIONS INFORMATION: Maximum Current Capability
for further information. The device has internal thermal protection.
(4)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
(5)
If used in a dual-supply system where the regulator load is returned to a negative supply, the LP2966 output must be diode-clamped to
ground.
(6)
The output PMOS structure contains a diode between the VIN and VOUT terminals that is normally reverse-biased. Reversing the polarity
from VIN and VOUT will turn on this diode.
OPERATING RATINGS
(1)
Input Supply Voltage
2.7V to 7.0V
Shutdown Input Voltage
−0.3V to (Vin + 0.3V)
Operating Junction Temperature Range
−40°C to +125°C
Maximum Voltage for ERROR pins
10V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see ELECTRICAL CHARACTERISTICS. The ensured specifications apply only for the test conditions listed. Some
performance characteristics may degrade when the device is not operated under the listed test conditions.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP2966



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com