Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2966 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP2966
Description  Dual 150mA Ultra Low-Dropout Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2966 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2966 Datasheet HTML 6Page - Texas Instruments LP2966 Datasheet HTML 7Page - Texas Instruments LP2966 Datasheet HTML 8Page - Texas Instruments LP2966 Datasheet HTML 9Page - Texas Instruments LP2966 Datasheet HTML 10Page - Texas Instruments LP2966 Datasheet HTML 11Page - Texas Instruments LP2966 Datasheet HTML 12Page - Texas Instruments LP2966 Datasheet HTML 13Page - Texas Instruments LP2966 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LP2966
SNVS028E – APRIL 2000 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, VIN =VO(NOM) + 1V, VOUT= 3.3V, COUT =1µF, IOUT = 1mA, CIN =1µF, VSD1 = VSD2 = VIN, and TA =
25°C.
Output Voltage Cross-Coupling
Output Noise Density
Figure 26.
Figure 27.
Power Supply Ripple Rejection
Peak Output Current vs Temperature
Figure 28.
Figure 29.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP2966



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com