Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2966 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP2966
Description  Dual 150mA Ultra Low-Dropout Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2966 Datasheet(HTML) 2 Page - Texas Instruments

  LP2966 Datasheet HTML 1Page - Texas Instruments LP2966 Datasheet HTML 2Page - Texas Instruments LP2966 Datasheet HTML 3Page - Texas Instruments LP2966 Datasheet HTML 4Page - Texas Instruments LP2966 Datasheet HTML 5Page - Texas Instruments LP2966 Datasheet HTML 6Page - Texas Instruments LP2966 Datasheet HTML 7Page - Texas Instruments LP2966 Datasheet HTML 8Page - Texas Instruments LP2966 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LP2966
SNVS028E – APRIL 2000 – REVISED APRIL 2013
www.ti.com
TYPICAL APPLICATION CIRCUIT
*SD1 and SD2 must be actively terminated through a pull up resistor. Tie to VIN if not used.
**ERROR1 and ERROR2 are open drain outputs. These pins must be connected to ground if not used.
# Minimum output capacitance is 1µF to insure stability over full load current range. More capacitance improves
superior dynamic performance and provides additional stability margin.
BLOCK DIAGRAM
CONNECTION DIAGRAM
Top View
Figure 1. VSSOP-8 Package
8-Lead Small Outline Integrated Circuit
See Package Number DGK0008A
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP2966



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com