Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3879 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3879
Description  LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3879 Datasheet(HTML) 4 Page - Texas Instruments

  LP3879 Datasheet HTML 1Page - Texas Instruments LP3879 Datasheet HTML 2Page - Texas Instruments LP3879 Datasheet HTML 3Page - Texas Instruments LP3879 Datasheet HTML 4Page - Texas Instruments LP3879 Datasheet HTML 5Page - Texas Instruments LP3879 Datasheet HTML 6Page - Texas Instruments LP3879 Datasheet HTML 7Page - Texas Instruments LP3879 Datasheet HTML 8Page - Texas Instruments LP3879 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
OUT
IN
V
V
'
'
OUT
IN
V
V
'
'
LP3879
SNVS396B – MAY 2006 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the temperature range of -40°C to
125°C. Limits are ensured through design, testing, or correlation. The limits are used to calculate the Average Outgoing
Quality Level (AOQL). Unless otherwise specified: VIN = 3.0V, VOUT = 1V, IL = 1 mA, COUT = 10 µF, CIN = 4.7 µF, VS/D = 2V,
CBYPASS = 10 nF.
Symbol
Parameter
Conditions
Min(1)
Typical(2)
Max(1)
Units
VO
-1.0
1.00
1.0
Output Voltage Tolerance
%Vnom
-2.0
2.0
1 mA
≤ IL ≤ 800 mA, 3.0V ≤ VIN ≤ 6V
1.00
-3.0
3.0
0.014
Output Voltage Line
3.0V
≤ VIN ≤ 6V
0.007
%/V
0.032
Regulation
IL = 800 mA, VOUT ≥ VOUT(NOM) - 1%
2.5
3.1
Minimum Input Voltage
IL = 800 mA, VOUT ≥ VOUT(NOM) - 1%
VIN (min)
Required To Maintain
2.5
2.8
V
0
≤ TJ ≤ 125°C
Output Regulation
IL = 750 mA, VOUT ≥ VOUT(NOM) - 1%
2.5
3.0
IGND
250
IL = 100 µA
200
µA
275
2
Ground Pin Current
IL = 200 mA
1.5
3.3
mA
8.5
IL = 800 mA
5.5
15
IO(PK)
Peak Output Current
VOUT ≥ VOUT(NOM) − 5%
1200
mA
IO(MAX)
Short Circuit Current
RL = 0 (Steady State)
1400
en
Output Noise Voltage
BW = 100 Hz to 100 kHz
18
µV(RMS)
(RMS)
CBYPASS = 10 nF
Ripple Rejection
f = 1 kHz
60
dB
SHUTDOWN INPUT
VS/D
VH = Output ON
1.4
1.6
S/D Input Voltage
VL = Output OFF, IIN ≤ 10 µA
0.1
0.50
V
VOUT ≤ 10 mV, IIN ≤ 50 µA
0.6
IS/D
VS/D = 0
0.02
−1
S/D Input Current
µA
VS/D = 5V
5
15
(1)
Limits are ensured through testing, statistical correlation, or design.
(2)
Typical numbers reperesent the most likely norm for 25°C operation.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3879



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com